Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8355 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 6Page - Seiko Instruments Inc S8355 Datasheet HTML 7Page - Seiko Instruments Inc S8355 Datasheet HTML 8Page - Seiko Instruments Inc S8355 Datasheet HTML 9Page - Seiko Instruments Inc S8355 Datasheet HTML 10Page - Seiko Instruments Inc S8355 Datasheet HTML 11Page - Seiko Instruments Inc S8355 Datasheet HTML 12Page - Seiko Instruments Inc S8355 Datasheet HTML 13Page - Seiko Instruments Inc S8355 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
10
Pin Configurations
1
2
3
SOT-23-3
Top view
Table 12 S-8357/58 Series B, H and F Types
(Without shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage pin and IC power supply pin
2
VSS
GND pin
3
EXT
External transistor connection pin
Figure 5
SOT-23-5
Top view
5
4
3
2
1
Table 13 S-8355/56 Series K, L, M and Q Types
(With shutdown function, VDD / VOUT separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage
2
VDD
IC power supply pin
3
OFF
/
ON
Shutdown pin
“H”: Normal operation (Step-up operating)
“L”: Step-up stopped (Entire circuit stopped)
4
VSS
GND pin
5
EXT
External transistor connection pin
Figure 6
Table 14 S-8357/58 Series B, H, F and N Types
(With shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
OFF
/
ON
Shutdown pin
“H”: Normal operation (Step-up operating)
“L”: Step-up stopped (Entire circuit stopped)
2
VOUT
Output voltage pin and IC power supply pin
3
NC*1
No connection
4
VSS
GND pin
5
EXT
External transistor connection pin
*1. The NC pin indicates electrically open.
Table 15 S-8357/58 Series E, J, G and P Types
(Without shutdown function, VDD / VOUT separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage pin
2
VDD
IC power supply pin
3
NC*1
No connection
4
VSS
GND pin
5
EXT
External transistor connection pin
*1. The NC pin indicates electrically open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com