Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8424A Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8424A Datasheet HTML 1Page - Seiko Instruments Inc S8424A Datasheet HTML 2Page - Seiko Instruments Inc S8424A Datasheet HTML 3Page - Seiko Instruments Inc S8424A Datasheet HTML 4Page - Seiko Instruments Inc S8424A Datasheet HTML 5Page - Seiko Instruments Inc S8424A Datasheet HTML 6Page - Seiko Instruments Inc S8424A Datasheet HTML 7Page - Seiko Instruments Inc S8424A Datasheet HTML 8Page - Seiko Instruments Inc S8424A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
3
3. Product name list
Part No.
Type
Package
Output
Voltage
(V)
CS Voltage
(V)
RESET
Voltage
(V)
PREEND
Voltage
(V)
Switch Voltage
(V)
VRO
VOUT
−VDET1 +VDET1 −VDET2 +VDET2 −VDET3
+VDET3
VSW1
S-8424AAAFT-TB-x
8-Pin TSSOP
3.000
3.000
3.300
3.401
2.200
2.312
2.600
2.748
+VDET1 × 0.85
S-8424AAAPA-TF-G
8-Pin SON(B)
S-8424AABFT-TB-x
8-Pin TSSOP
3.300
3.300
4.000
4.129
2.300
2.420
2.500
2.640
+VDET1 × 0.77
S-8424AACFT-TB-x
8-Pin TSSOP
3.200
3.200
3.300
3.401
2.400
2.528
2.600
2.748
+VDET1 × 0.85
S-8424AADFT-TB-x
8-Pin TSSOP
5.000
5.000
4.600
4.753
2.300
2.420
2.500
2.640
+VDET1 × 0.77
S-8424AAEFT-TB-x
8-Pin TSSOP
3.150
3.150
4.200
4.337
2.300
2.420
2.500
2.640
+VDET1 × 0.77
S-8424AAFFT-TB-x
8-Pin TSSOP
3.200
3.200
4.400
4.545
2.400
2.528
2.600
2.748
+VDET1 × 0.77
S-8424AAGFT-TB-x
8-Pin TSSOP
2.800
2.800
4.400
4.545
2.400
2.528
2.600
2.748
+VDET1 × 0.77
S-8424AAHFT-TB-x
8-Pin TSSOP
5.000
5.000
4.600
4.753
2.550
2.690
2.700
2.856
+VDET1 × 0.77
S-8424AAJFT-TB-x
8-Pin TSSOP
3.100
3.100
4.400
4.545
2.200
2.312
2.600
2.748
+VDET1 × 0.77
S-8424AAKFT-TB-x
8-Pin TSSOP
3.200
3.200
4.600
4.753
2.400
2.528
2.600
2.748
+VDET1 × 0.77
Caution Set the CS voltage so that the switch voltage (VSW1) is equal to or greater than the
RESET
detection voltage (
−VDET2).
Remark 1. The selection range is as follows.
VRO, VOUT: 2.3 to 5.4 V (0.1 V steps)
−VDET1:
2.4 to 5.3 V (0.1 V steps)
−VDET2:
1.7 to 3.4 V (0.1 V steps )
−VDET3:
1.7 to 3.4 V (0.1 V steps)
VSW1:
+VDET1 × 0.85 or +VDET1 × 0.77
2. If a product with a voltage other than above is required, contact our sales representative.
3. x: G or U
4. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com