Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8424A Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 29Page - Seiko Instruments Inc S8424A Datasheet HTML 30Page - Seiko Instruments Inc S8424A Datasheet HTML 31Page - Seiko Instruments Inc S8424A Datasheet HTML 32Page - Seiko Instruments Inc S8424A Datasheet HTML 33Page - Seiko Instruments Inc S8424A Datasheet HTML 34Page - Seiko Instruments Inc S8424A Datasheet HTML 35Page - Seiko Instruments Inc S8424A Datasheet HTML 36Page - Seiko Instruments Inc S8424A Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
33
Characteristics
1. Voltage Regulator Unit (VRO
= VOUT = 3.0 V)
1.1 Input Voltage (VIN) vs. Output Voltage (VRO) Characteristics (REG1)
(1) Ta
= 85°C
(2) Ta
= 25°C
IRO
= 10 mA, 30 mA, 50 mA, 70 mA, 90 mA
IRO
= 10 mA, 30 mA, 50 mA, 70 mA, 90 mA
2.0
2.4
2.8
3.2
2.0
3.0
4.0
5.0
VIN (V)
IRO = 90 mA
IRO = 10 mA
2.0
2.4
2.8
3.2
2.0
3.0
4.0
5.0
VIN (V)
IRO = 90 mA
IRO = 10 mA
(3) Ta
= −40°C
IRO
= 10 mA, 30 mA, 50 mA, 70 mA, 90 mA
2.0
2.4
2.8
3.2
2.0
3.0
4.0
5.0
VIN (V)
IRO = 10 mA
IRO = 90 mA
1.2 Input Voltage (VIN) vs. Output Voltage (VOUT) Characteristics (REG2)
(1) Ta
= 85°C
(2) Ta
= 25°C
IOUT
= 10 mA, 30 mA, 50 mA, 70 mA, 90 mA
IOUT
= 10 mA, 30 mA, 50 mA, 70 mA, 90 mA
2.0
2.4
2.8
3.2
2.0
3.0
4.0
5.0
VIN (V)
IOUT = 90 mA
IOUT = 10 mA
2.0
2.4
2.8
3.2
2.0
3.0
4.0
5.0
VIN (V)
IOUT
= 90 mA
IOUT
= 10 mA
(3) Ta
= −40°C
IOUT
= 10 mA, 30 mA, 50 mA, 70 mA, 90 mA
2.0
2.4
2.8
3.2
2.0
3.0
4.0
5.0
VIN (V)
IOUT
= 10 mA
IOUT
= 90 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com