Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8424A Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 33Page - Seiko Instruments Inc S8424A Datasheet HTML 34Page - Seiko Instruments Inc S8424A Datasheet HTML 35Page - Seiko Instruments Inc S8424A Datasheet HTML 36Page - Seiko Instruments Inc S8424A Datasheet HTML 37Page - Seiko Instruments Inc S8424A Datasheet HTML 38Page - Seiko Instruments Inc S8424A Datasheet HTML 39Page - Seiko Instruments Inc S8424A Datasheet HTML 40Page - Seiko Instruments Inc S8424A Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
37
3. Switch Unit
3.1 Switch Voltage (VSW1) Temperature
Characteristics
3.2 CS Output Inhibit Voltage (VSW2) Temperature
Characteristics
Ta (
°C)
−40
−20
0
20
40
80
60
100
−20
−10
0
10
20
Based on VSW1 voltage when Ta is 25°C
Ta (
°C)
−40 −20
0
20
40
80
60
100
−20
−10
0
10
20
Based on VSW2 voltage when Ta is 25
°C
3.3 Input Voltage (VBAT) vs. VBAT Switch
Resistance(RSW) Characteristics
3.4 VBAT Switch Resistance (RSW) Temperature
Characteristics
0
10
20
30
40
50
60
12
3
4
5
VBAT (V)
IOUT = 500 μA
Ta (
°C)
−40 −20
0
20
40
80
60
100
0
10
20
30
40
50
60
VBAT = 3 V, IOUT = 500 μA
3.5 VBAT Switch Leakage Current (ILEAK) Temperature
Characteristics
0
10
20
30
Ta (
°C)
−40
−20
0
20
40
80
60
100
5
15
25
VIN = 6.0 V, VBAT= 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com