Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8424A Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S8424A
Description  BATTERY BACKUP SWITCHING IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8424A Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S8424A Datasheet HTML 13Page - Seiko Instruments Inc S8424A Datasheet HTML 14Page - Seiko Instruments Inc S8424A Datasheet HTML 15Page - Seiko Instruments Inc S8424A Datasheet HTML 16Page - Seiko Instruments Inc S8424A Datasheet HTML 17Page - Seiko Instruments Inc S8424A Datasheet HTML 18Page - Seiko Instruments Inc S8424A Datasheet HTML 19Page - Seiko Instruments Inc S8424A Datasheet HTML 20Page - Seiko Instruments Inc S8424A Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.0_01
S-8424A Series
17
Test Circuit
1.
2.
↓
V
10
μF
VRO or VOUT
VIN
VIN
VSS
VSS
RESET
VIN
VBAT
V
VOUT
V
V
CS
100 k
Ω
VIN
100 k
Ω
PREEND
100 k
Ω
V
VBAT
V
To measure VDET3, apply 6 V to VIN.
3.
4.
VDS
VIN
VIN
VSS
CS
RESET
A
A
VBAT VOUT
PREEND
A
VBAT
VIN
VOUT
VIN
VSS
VBAT
V
V
Measure the value after applying 6 V to VIN.
5.
6.
VOUT
VIN
VSS
CS
F.G.
VBAT
VBAT
Oscilloscope
Oscilloscope
100 k
Ω
VSS
A
VIN
VIN
VBAT
7.
8.
IOUT
VBAT
VOUT
VIN
VSS
VBAT
V
↓
VIN
Leave open and measure the value after applying
6 V to VIN.
VBAT
VIN
VIN
VSS
VBAT
A
A
IBAT
ISS
To measure IBAT2, apply 6 V to VIN and then leave
VIN open and measure IBAT.
Figure 5 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com