Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2202AST1 Datasheet(PDF) 77 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 77 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 73Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 74Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 75Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 76Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 77Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 78Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 79Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 80Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 81Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 670 page
background image
MMA1270D
2–41
Motorola Sensor Device Data
www.motorola.com/semiconductors
* When positioned as shown, the Earth’s gravity will result in a positive 1g output
ACCELERATION SENSING DIRECTIONS
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
9
VSS
VSS
VSS
VOUT
STATUS
VDD
VSS
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
16–Pin SOIC Package
N/C pins are recommended to be left FLOATING
–g
+g
Direction of Earth’s gravity field.*
DYNAMIC ACCELERATION
STATIC ACCELERATION
–1g
+1g
0g
0g
VOUT = 2.50V
VOUT = 2.50V
VOUT = 3.25V
VOUT = 1.75V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com