Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2202AST1 Datasheet(PDF) 97 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 97 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 93Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 94Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 95Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 96Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 97Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 98Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 99Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 100Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 101Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 670 page
background image
MMA3201D
2–61
Motorola Sensor Device Data
www.motorola.com/semiconductors
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
footprint, the packages will self–align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and short-
ing between solder pads.
Figure 6. Footprint SOIC–20 (Case 475A–01)
0.380 in.
9.65 mm
0.050 in.
1.27 mm
0.024 in.
0.610 mm
0.080 in.
2.03 mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com