Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2202AST1 Datasheet(PDF) 83 Page - Motorola, Inc

Part # MPXM2202AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AST1 Datasheet(HTML) 83 Page - Motorola, Inc

Back Button MPXM2202AST1 Datasheet HTML 79Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 80Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 81Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 82Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 83Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 84Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 85Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 86Page - Motorola, Inc MPXM2202AST1 Datasheet HTML 87Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 670 page
background image
MMA2201D
2–47
Motorola Sensor Device Data
www.motorola.com/semiconductors
* When positioned as shown, the Earth’s gravity will result in a positive 1g output
Positive Acceleration Sensing Direction
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
9
N/C
N/C
N/C
SELF TEST
XOUT
N/C
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
16–Pin SOIC Package
N/C pins are recommended to be left FLOATING
AXIS
ORIENTATION
(ACCELERATION
FORCE
VECTOR)
–X
+X
10 11 12 13 14 15 16
8 7654321
9
Direction of Earth’s gravity field.*
ORDERING INFORMATION
Device
Temperature Range
Case No.
Package
MMA2201D
*40 to +85°C
Case 475–01
SOIC–16
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com