Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5508WSC Datasheet(PDF) 43 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 43 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 39Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 40Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 41Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 42Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 43Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 44Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 45Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 46Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 47Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
43
ADDR
Byte
Bits
R/W
Name
Description
Default
0x71
20
159:128
R/W
VB_bq_8_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
VB_bq_8_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
VB_bq_8_b1
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
VB_bq_8_b1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
VB_bq_8_a2
u[31:26], a2[25:0]
32'h00000000
0x72
20
159:128
R/W
VB_bq_9_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
VB_bq_9_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
VB_bq_9_b1
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
VB_bq_9_b1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
VB_bq_9_a2
u[31:26], a2[25:0]
32'h00000000
0x73
24
191:160
R/W
VB_fcn_a0
u[31:26], a0[25:0]
32'h00800000
159:128
R/W
VB_fcn_a1
u[31:26], a1[25:0]
32'h00000000
127:96
R/W
VB_fcn_a2
u[31:26], a2[25:0]
32'h00000000
95:64
R/W
VB_fcn_b0
u[31:26], b0[25:0]
32'h00800000
63:32
R/W
VB_fcn_b1
u[31:26],b1[25:0]
32'h00000000
31:0
R/W
VB_fcn_b2
u[31:26], b2[25:0]
32'h00000000
0x74
4
31:0
R/W
VB_GAIN_1[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x75
4
31:0
R/W
VB_GAIN_2[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x76
4
31:0
R/W
VB_GAIN_3[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x77
4
31:0
R/W
VB_GAIN_4[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x78
4
31:0
R/W
VB_GAIN_5[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x79
4
31:0
R/W
VB_GAIN_6[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7A
4
31:0
R/W
VB_GAIN_7[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7B
4
31:0
R/W
VB_GAIN_8[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7C
4
31:0
R/W
VB_GAIN_9[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7D
4
31:0
R/W
VB_GAIN_10[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7F
1
7:0
R/W
BW_COEFF[7:0]
8'h30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com