Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5508WSC Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 28Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 29Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 30Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 31Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 32Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 33Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 34Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
32
ADDR
Byte
Bits
R/W
Name
Description
Default
0x10
1
7:3
-
Reserved
-
0
2:0
R/W
VBCPS
Clip threshold setting
000 : 4.0V
001 : 3.75V
010 : 3.6V
011 : 3.45V
100 : 3.3V
101 : 3.15V
110 : 3V
111 : 2.85V
0
0x11
1
7
R/W
CLPE
Clip enable
0
6
-
Reserved
-
5:4
R/W
BVHYS
Battery voltage recovery hysteresis
00 : battery voltage + 0.05
01 : battery voltage + 0.1
10 : battery voltage + 0.15
11 : battery voltage + 0.2
0
3:2
R/W
CLIPRR
Rate of Vo threshold recover when Vbat
return
00 : increase by 1/8 of orignal Vo per 1s
01 : increase by 1/8 of orignal Vo per 1.5s
10 : increase by 1/8 of orignal Vo per 2s
11 : increase by 1/8 of orignal Vo per 2.5s
0
1:0
R/W
CLIPDR
Rate of Vo threshold drop when Vbat is
low
00 : 1/16 of orginal per sample
01 : 1/8 of orginal Vo
10 : 1/4 of orginal Vo
11 : 1 step to target
0
0x12
2
15:10
-
Reserved
-
9:0
R/W
CPSLP
Clip slope setting :
For example 3Vo/VBAT
CPSLP = 3/DtoA GAIN(DAC+CLASS-D)
0
0x13
2
15:0
R/W
VOMIN
Minimum Clip threshold converted from
(V)
For example, minimum clip threshold is
2.5V, then
VO_MIN = 2.5V / DtoA
GAIN(DAC+CLASS-D)
16’b0 : no minimum
0
0x14
2
15:0
R/W
SIGMAX
Digital maximum allowable absolute data :
SIG_MAX = max absolute voltage (V) /
DtoA GAIN(DAC+CLASS-D)
This value should be less than 1
16’h4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com