Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5508WSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
11
I
2C Interface
Device Addressing
RT5508 Support I2C Control interface. The default
device address is accessed via Pin ADS1 and ADS2.
(see Table 1.) Four separate address are supported for
stereo mode application. The levels on pins ADS1 and
ADS2 determine the values of bits 1 and 2, respectively.
The generic address is independent of pins ADS1 and
ADS2.
Table 1. Address Selection Via Pins ADS1 and ADS2
ADS2 Pin (V)
ADS1 Pin (V)
Address
Function (bit 0)
0
0
0110100x
0: write 1:read
0
DVDD
0110101x
0: write 1:read
DVDD
0
0110110x
0: write 1:read
DVDD
DVDD
0110111x
0: write 1:read
Read Function
Reading One Indexed Byte of Data from RT (With 1-Byte)
S
Slave Address
0
A
Register Address
A
Data Byte
A
P
R/W
1Byte
Acknowledge from RT
Acknowledge from RT
Acknowledge from Master
Sr
Slave Address
1
A
R/W
Acknowledge from RT
Repeated Start
Reading n Indexed Words of Data from RT (With N-Byte)
S
Slave Address
0
A
Register Address
A
Data Byte
A
Data Byte
A
P
R/W
nth Byte
Acknowledge from RT
Acknowledge from RT
Acknowledge from Master
Acknowledge from Master
Sr
Slave Address
1
A
R/W
Acknowledge from RT
Repeated Start
Data Byte
A
Data Byte
A
1st Byte
Acknowledge from Master
Acknowledge from Master
…
2nd Byte
(n-1)th Byte
Write Function
Writing One Byte of Data to RT (With 1-Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com