Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5508WSC Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 22Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 23Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 24Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 25Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 26Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 27Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 28Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
25
Clip control is used to reduce current consumption
when VBAT is low. It is defined by three parameters,
VBCPS, CPSLP and MINCLS. The clip threshold is
shown in Figure.
The voltage sent to class-D is clipped when VBAT is
lower than clip point (2.85V to 3.9V) which is set by
VBCPS.
The slope of clip threshold (Vo/VBAT) can
be set by CPSLP from 2.5V/V to 3.4375V/V. A VO stop
point (0, 2.5V, 3V, 3.5V) for clip threshold can be set
via MINCLS. The output voltage drop will stops at this
point. The clip threshold is calculated through following
equation :
BAT
ClipThres = 5-(VBCPS-V
) CPSLP
for
clip
threshold ≧ MINCLS
ClipThres = MINCLS for clip threshold ≦ MINCLS
After clip is done, a threshold is passed to speaker
protection. Combined with speaker protection algorithm,
a gain reduced procedure will be activated by speaker
protection block and output signal is reduced to prevent
clip. The detail function is shown below, the dropping
rate of threshold can be set via CLIPDR at register
0x0B :
CLIPDR
old threshold
new threshold
CLIP
Speaker protection
gain reduced
Figure 20. Clipper Gain Step Down
The threshold is normalized to 1 is passed to speaker
protection which equals to :
BAT
5 - (VBCPS - V
) CPSLP
ClipThres (normalized) =
5
ClipThres (normalized) equals to 1 if signal is small and
never reaches to the threshold. When signal is large
and is clipped by this threshold, ClipThres (normalized)
will be sent to speaker protection block.
If battery voltage returns to a hysteresis level,
ClipThres will increase by a rate of CLIPRR to a certain
level which is defined by VBCPS, CPSLP and VBAT.
As ClipThres increases, speaker protection will also
increase its gain to let the signal return to its original
level.
The battery voltage hysteresis can bet set via
BVHYS at register 0x0B.
VBAT (Thr) + BVHYS
VBAT (Thr)
CLIPRR
ClipThres
Figure 21. Clipper Gain Step Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com