Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5509WSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5509WSC Datasheet HTML 1Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 2Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 3Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
5
Absolute Maximum Ratings
(Note 1)
VBST, PVDD ------------------------------------------------------------------------------------------------
–0.3 to 13V
VSPOUTP, VSPOUTN, LX ------------------------------------------------------------------------------
–0.3 to 13V
VSPOUTP, VSPOUTN, LX ------------------------------------------------------------------------------
–1.4 to 16V (Note 6)
VBAT ----------------------------------------------------------------------------------------------------------
–0.3 to 6V
DVDD ---------------------------------------------------------------------------------------------------------
–0.3 to 2.5V
LRCK, BCK, DATA I/O, ADS1, ADS2 -----------------------------------------------------------------
–0.3 to (DVDD + 0.3V)
SCL, SDA ----------------------------------------------------------------------------------------------------
–0.3 to 6V
RST ------------------------------------------------------------------------------------------------------------
–0.3 to (DVDD + 0.3V)
Power Dissipation, PD @ TA = 25C
WL-CSP-48B 3.04x2.99 (BSC) -------------------------------------------------------------------------
3.7W
Package Thermal Resistance
(Note 2)
WL-CSP-48B 3.04x2.99 (BSC),
JA ------------------------------------------------------------------- 27C/W
Lead Temperature (Soldering, 10 sec.)---------------------------------------------------------------
260C
Junction Temperature -------------------------------------------------------------------------------------
150C
Storage Temperature Range ----------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------
2kV
Recommended Operating Conditions
(Note 4)
Ambient Temperature Range----------------------------------------------------------------------------
40C to 85C
Junction Temperature Range ---------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VBAT = 3.6V, DVDD = 1.8V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supplies
Digital Supply Voltage
DVDD
1.71
1.8
2
V
Speaker Amp Supply Voltage PVDD
2.7
3.6
9.5
V
Battery Supply Voltage
VBAT
2.7
3.6
5.5
V
Boost Converter Output
Voltage
VBST
2.7
--
9.5
V
Shutdown Current (VBAT)
ISD_VBAT
DVDD = 1.8V
0
1
5
A
Leakage Current (VBAT)
ILEAKAGE
_VBAT
DVDD = 0V
0
1
5
A
Leakage Current (DVDD)
ILEAKAGE
_DVDD
VBAT = 2.7 to 5.5V, DVDD = 1.8V,
BCK = LRCK = DAI = 0V
0
8
20
A
Offset Voltage
VOS
PVDD = 3.6V
0
2
6
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com