Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5509WSC Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 22Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 23Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 24Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 25Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 26Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 27Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 28Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
25
Volume Control
The volume control can be set from
127.5dB to 0dB,
with step = 0.5dB. The control timing is illustrated as in
Figure 18. When a new gain is set by I2C, the hardware
will change from the original setting in step of 0.5dB/∆T,
where ∆T is the step size with the following options :
∆T = 4, 8, 16, 32, 64 samples, or ∆T = 0 stands for no
ramping up / down is applied.
When mute mode is set by I2C or detected by hardware,
the volume setting is overruled, but the original gain
setting is kept in hardware, allows to be recovered to
the original state.
Volume control can be bypassed by register.
Gain (dB)
Time (spls)
Gold
Gnew
∆T
0.5dB
Figure 18. Volume Control Timing Graph
The threshold is normalized to 1 is passed to speaker
protection which equals to :
BAT
5 - (VBCPS - V
)
CPSLP
ClipThres (normalized) =
5
ClipThres (normalized) equals to 1 if signal is small and
never reaches to the threshold. When signal is large
and is clipped by this threshold, ClipThres (normalized)
will be sent to speaker protection block.
If battery voltage returns to a hysteresis level,
ClipThres will increase by a rate of CLIPRR to a certain
level which is defined by VBCPS, CPSLP and VBAT.
As ClipThres increases, speaker protection will also
increase its gain to let the signal return to its original
level. The battery voltage hysteresis can bet set via
BVHYS at register 0x0B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com