Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5509WSC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 22Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 23Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 24Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 25Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 26Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
23
Gain
DnFlag
DnFlag==1
??
ALC_period expired??
ALC_period expired??
yes
no
yes
no
yes
sPeak>sThres ||
xPeak>xThres ||
DCR>rThres
??
yes
no
Gain = ALCInitGain
PWDN/SUSPD/Off/F
ault/Mute
/SilenceReset
PWDN/SUSPD/Off/F
ault/Mute
/SilenceReset
DnFlag = 0
Figure 17. Gain Generation for ALC
Gain Limiter
The signal and excursion is limited to ensure the signal
is not clipped, and the excursion never growth over the
maximum allowable value.
The gain required to limit the signal and excursion are
calculated by :
Lmt
sThres
xThres
G
= min
,
,1
sPeak
xPeak



The parameters for Limiter control :
sThresLmt : Threshold of signal, specified by 0 to 1. 1
corresponds to the maximum allowable signal specified
by clipper module.
xThresLmt : Threshold of excursion, specified by 0 to 1.
1 corresponds to the maximum allowable excursion.
xThresLmtDamage : Threshold of excursion when
either resistance or excursion damage is detected.
DC Resistance Control Loop
DC Resistance Measurement
Metal coil resistance is highly linear dependent on the
temperature, for example the scale factor is +0.393%/C
for copper. The coil resistance is online monitored by
the speaker protection algorithm. The update is
disabled at PWDN/SUSPD/Off/Fault/Mute mode. A
register bit can be set to define if the DC resistance is
monitored or not in Silence mode.
The parameters for Coil Resistance :
RNML : Nominal resistance of coil (
)
rApp
:
The
application
resistance
between
amplifier and the loudspeaker, normalized to
RNML. The application resistance is assumed to
be constant through all time.
PI Control Loop :
The parameters for PI-control loop :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com