Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-GD Datasheet(PDF) 20 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 20 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 16Page - IC-Haus GmbH IC-GD Datasheet HTML 17Page - IC-Haus GmbH IC-GD Datasheet HTML 18Page - IC-Haus GmbH IC-GD Datasheet HTML 19Page - IC-Haus GmbH IC-GD Datasheet HTML 20Page - IC-Haus GmbH IC-GD Datasheet HTML 21Page - IC-Haus GmbH IC-GD Datasheet HTML 22Page - IC-Haus GmbH IC-GD Datasheet HTML 23Page - IC-Haus GmbH IC-GD Datasheet HTML 24Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 20/55
Measuring ranges
Range
Maximum ratings Digital values
Valid Range
±10 V
-10.5000 V
0x8000
0x8619 . . . 0x79E7
10.4997 V
0x7FFF
±1 V
-1.05000 V
0x8000
0x8619 . . . 0x79E7
1.04997 V
0x7FFF
±100 mV
-105.000 mV
0x8000
0x8619 . . . 0x79E7
104.997 mV
0x7FFF
±10 mV
-10.5000 mV
0x8000
0x8619 . . . 0x79E7
10.4997 mV
0x7FFF
-17.5 mV. . . 87.5 mV
-17.5 mV
0x8000
0x8000 . . . 0x7FFF (*)
(thermo couples JKTNE)
87.498 mV
0x7FFF
-4.375 mV. . . 21.875 mV
-4.375 mV
0x8000
0x8000 . . . 0x7FFF (*)
(thermo couples RSB)
21.8747 mV
0x7FFF
±20 mA
-21 mA
0x8000
0x8619 . . . 0x79E7
20.999 mA
0x7FFF
4. . . 20 mA
-13 mA
0x8000
0x0000 . . . 0x7878
4 mA
0x0000
20.999 mA
0x7FFF
Table 5: Measurement ranges of the analog inputs
Accuracy of measuring ranges
Tj
25 °C -40...100 °C -40...120 °C
±10 V
5.25 mV
21 mV
42 mV
±1 V
0.525 mV
2.1 mV
4.2 mV
±100 mV
52.5 µV
210 µV
420 µV
±10 mV
5.25 µV
21 µV
42 µV
-17.5 mV. . . 87.5 mV
26.25 µV
105 µV
210 µV
-4.375 mV. . . 21.875 mV
6.56 µV
26.25 µV
52.5 µV
Table 6: Accuracy of the measurement ranges depending on chip temperature
Analog outputs (UPx, UNx, IAx)
The positive voltage outputs UPx are current-limited
and switch off, when overtemperature limit T2 is ex-
ceeded. If the temperature exceeds overtemperature
limit T1, the output is only disconnected, if it reports an
overload at the same time.
An extended current mode provides increased current
capability of up to +20 mA.
All negative voltage outputs UNx contain a 25 mA cur-
rent source that only switches off in case of overload
and when exceeding the upper overtemperature limit
T2.
When the short-circuit output current is reached, a
seperate error bit is set for each of the states low and
high. An overload is reported when the output voltage
deviates from the set point by more than 1 V, since a
short circuit can occur anywhere in the entire output
voltage range.
In combination with an external resistor and the voltage
measurement (Mixed Mode), the current outputs IAx
can be extended for a resistance measurement. The
measuring ranges and tolerances are the same as for
the individual functions. The minimum supply voltage
VB = 14.5 V and the saturation voltage hi at the output
IAx result in a maximum load of 600 Ω for 20 mA current
output.
By reaching the upper dynamic range, a high-
impedance load or open wire at IAx or UIx during a
3-wire measurement can be detected. This is indicated
by the relevant error bits. For this functionality, at least
one output current of -10 mA must be set. If an NTC or
PTC resistance is used for temperature measurement,
the linearization and calibration must be carried out
externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com