Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-GD Datasheet(PDF) 34 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 34 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 30Page - IC-Haus GmbH IC-GD Datasheet HTML 31Page - IC-Haus GmbH IC-GD Datasheet HTML 32Page - IC-Haus GmbH IC-GD Datasheet HTML 33Page - IC-Haus GmbH IC-GD Datasheet HTML 34Page - IC-Haus GmbH IC-GD Datasheet HTML 35Page - IC-Haus GmbH IC-GD Datasheet HTML 36Page - IC-Haus GmbH IC-GD Datasheet HTML 37Page - IC-Haus GmbH IC-GD Datasheet HTML 38Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 34/55
COUNTER
Via the two digital inputs with their following spike filters,
two 32-bit wide counters can be operated. In single
mode, the counters are operated independently. In
dual mode (see below), one counter is controlled by
both inputs. The counters can also be used as PWM
generators.
For each counter, one reference value can be config-
ured that sets a status bit and causes an interrupt, when
reached. In addition, a bit can be configured that de-
termines whether an interrupt is caused once or every
time the reference value is reached. In the latter case it
can be reset via the register SPI_LOCK_RESET. This
prevents the setting of a status bit and the triggering of
an interrupt in case the counter fluctuates around the
reference value or is at the reference value. The same
functions are available for the second reference value
and the overflow and underflow of the counter.
The bit CNT_RAR allows the configuration of a counter
to be reset when the reference value is reached (reset
at reference). The reference value itself is not reached
though. Additionally, the input signal can be inverted
prior to internal processing and the counting direction
(up/down) be set in most counter modes.
The counters operate synchronously with the SYNC sig-
nal or asynchronously so that the current value is sup-
plied. Some modes do not allow external synchroniza-
tion because the respective synchronization is carried
out internally. This affects the time measurement and
the synchronization triggered by the second channel.
The synchronous mode also allows reading the asyn-
chronous (current) counter value by sending a SYNC
command to the relevant iC via the SPI and reading the
value as regular sensor data. Tab. 21 gives an overview
of usable configuration bits depending on the selected
mode. ’X’ means ’possible’, ’-’ means ’not possible’ (bit
is ignored), ’(-)’ means ’possible but not useful’.
Additionally, the counter allows the generation of a
pulse-width modulated signal in two different modes.
• Simple PWM: The PWM mode is selected and both
16 bit periods t_high and t_ges as in Table 20 and
Figure 6 are written to the reference register. The
PWM can be switched on and off via the process
data. When switched on, it re-starts its period with ’1’.
In addition, the pulse-width can be changed during
run-time by writing the lower half of the reference reg-
ister. In this case, a period that has already started
internally is completed and then the new value is
adopted. When the cycle time is changed, the current
period is terminated immediately and a new period is
started.
• PWM with activation pulse: Unlike in simple PWM
mode, an activation pulse is generated at startup be-
fore the PWM automatically switches to the regular
PWM mode. Note: The registers are interpreted dif-
ferently than the simple PWM mode (see Figure 6). A
change of the pulse width is not intended in this mode.
It is possible though by writing the entire SET_CNT
register with 0x0000 in the upper half. In contrast to
the simple PWM mode, here the period will not be
completed but starts immediately with a new period.
When the cycle time is changed, the current period is
terminated immediately and a new period is started
without a new activation pulse.
In both modes, the PWM mode supports a high-speed
mode (HS) with a resolution of 125 ns, a cycle time of
up to 8.192 ms and a low-speed mode (LS) with a res-
olution of 16 ns and a cycle time of up to 1.048 s (see
Table 20). The initial pulse may be up to 1 LSB shorter
due to the temporal resolution of the internal clock in
low-speed mode. The reference register can either be
written completely (4 bytes) or only its low-order part
(2 bytes). For simple PWM, the latter complies with a
change of t_high. The PWM then is output at IAx (X =
1, 2). Time t_ges must not be 0x0000.
These following modes are supported by the counters:
Single mode
• Pulse counter: Counts pulses (= rising edges) of the
respective channel.
• Time measurement period: Measures the time be-
tween two rising edges. No external sync possible
because it is synchronized with the rising edge.
• Time measurement pulse width: Measures the
time that the respective channel is high. No exter-
nal sync possible because it is synchronized with the
falling edge.
• Pulse-width modulation: Generates a PWM signal
with a duty cycle depending on REF_CNT_x. The
High-time, cycle time and, if necessary, the activation
pulse time are configurable (see figure 6).
Dual Mode
• Pulse counter with trigger: Counts pulses on CH_1.
CH_2 serves as a trigger to enable the counter value
to be output. The counter value CH_1 is not reset.
Since CH_2 performs the function of synchronization,
no external sync is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com