Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-GD Datasheet(PDF) 44 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 44 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 40Page - IC-Haus GmbH IC-GD Datasheet HTML 41Page - IC-Haus GmbH IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH IC-GD Datasheet HTML 45Page - IC-Haus GmbH IC-GD Datasheet HTML 46Page - IC-Haus GmbH IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 44/55
REGISTER MAP
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2C communikation
0x41
I2C_DEV_ADR(7:0)
0x42
I2C_PTR(7:0)
0x43
I2C_MODE(7:4)
I2C_BYTES(3:0)
0x44
I2C_DATA_B1(7:0)
0x45
I2C_DATA_B2(7:0)
0x46
I2C_DATA_B3(7:0)
0x47
I2C_DATA_B4(7:0)
ASIC revision & identification
0x48
REV(7:0)
0x49
CHARGE(7:0)
0x4A
WAFER(4:0)
CHIP(10:8)
0x4B
CHIP(7:0)
Secondary channel status register
0x4E
CH_STAT_1S(6:0)
0x4F
CH_STAT_2S(6:0)
SPV_REG
0x52
ST_CALIB
ST_CONF
ST_CT2
ST_CT1
ST_BIAS
ST_VDA
ST_VNB
ST_VB
Table 39: Register layout
REGISTER DESCRIPTION
Unless otherwise noted, a ’1’ activates and a ’0’ deac-
tivates a function. Registers with the suffix _x refer to
both channel 1 and 2. Their function is the same but
the channels can be configured independently.
The right hand side of the register header contains the
following values:
’L’: Shows that the register can be locked, see register
SPI_LOCK_RESET.
’K’: Marks those configuration registers which values
are read from the external EEPROM during start-up.
’P’, ’S’: Represent the primary or secondary mode.
Some registers refer to both modes and carry both
letters, others are independent of the modes and carry
’/’ instead.
’R’, ’W’: Represents the access modes ’read’ and
’write’.
’(*)’: Represents the possibility of automatic configu-
ration. Here, the iC autonomously selects the data
content when required.
Finally, the default value that the register takes up after
start-up is given. In configuration registers, this value is
overwritten with the value of the EEPROM, if the regis-
ter contains a configuration with a valid CRC value.
IO_SEL_xP, IO_SEL_xS, DO_ADR0_2
The primary and secondary mode for each channel
can be selected via the registers IO_SEL_xP and
IO_SEL_xS. For the secondary mode, digital voltage
and current in- and outputs are available. For the pri-
mary mode, in addition, a counter that optionally can
function as PWM generator and a temperature mea-
surement is available. Chapter ’Mixed operation’ shows
possible combinations.
The exact function of the selected modes can be set by
the relevant registers.
If the temperature measurement is selected in register
IO_SEL_xP and the PT elements are selected in regis-
ter TM_SEL_x, the register IO_SEL_xS is automatically
overwritten with the selection CO to provide the current
required for the measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com