Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-GD Datasheet(PDF) 29 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 29 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 25Page - IC-Haus GmbH IC-GD Datasheet HTML 26Page - IC-Haus GmbH IC-GD Datasheet HTML 27Page - IC-Haus GmbH IC-GD Datasheet HTML 28Page - IC-Haus GmbH IC-GD Datasheet HTML 29Page - IC-Haus GmbH IC-GD Datasheet HTML 30Page - IC-Haus GmbH IC-GD Datasheet HTML 31Page - IC-Haus GmbH IC-GD Datasheet HTML 32Page - IC-Haus GmbH IC-GD Datasheet HTML 33Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 29/55
read back via the SPI (Xmeas). The two maximum val-
ues are used for all measuring ranges (value 1 and 2).
In addition, for the symmetric measuring ranges, the off-
set at 0 V/0 mA (value 0) is determined. For the current
measurement offset, also the current chip temperature
and the temperature coefficient values AITKQ, AITKL
are required. The latter are stored on the chip, see table
17. The required values are used unitless in the format
of the process data: Xset und Xmeas as signed numbers,
and additionally for the current measurement AITKQ,
AITKL and CHIP_TEMP, all as unsigned numbers.
The following four conditions must be kept:
1.5 +
AGFnx
215
∗
AOFnx + 215 > 215 − 1
1.5 +
AGFnx
215
∗
AOFnx − 215 < −215
1.5 +
AGFnx
215
∗
AOFnx < 215 − 1
1.5 +
AGFnx
215
∗
AOFnx > −215
3-point calibration (symmetrical ranges)
The following formulae are valid for the ranges ±10 V,
±1 V, ±100 mV, ±10 mV, ±20 mA.
Point 0 is calibrated exactly (to use for offset), point 1
and point 2 are calibrated best possible. The points
should be distributed equidistantly.
Example
Point 0: 0 V, point 1: +10 V, point 2: -10 V.
AGFnx =
Xset 1 − Xset 0
Xmeas 1 − Xmeas 0
+
Xset 2 − Xset 0
Xmeas 2 − Xmeas 0
−
3 ∗ 214
AOFnx(VI) =
Xset 0
1.5 + AGFnx
215
−
Xmeas 0
AOFnx(CI) =
Xset 0
1.5 + AGFnx
215
−
Xmeas 0 ∗
1
f T
2-point calibration (asymmetrical ranges)
The following formulae are valid for the ranges -17.5 mV
to 87.5 mV, -4.375 mV to 21.875 mV, 4 to 20 mA. Point
1 and point 2 are to be adjusted exactly.
Example
Point 1: 4 mA, point 2: 20 mA.
AGFnx =
Xset 2 − Xset 1
Xmeas 2 − Xmeas 1
−
1.5 ∗ 215
AOFnx(VI) =
Xset 1 ∗ Xmeas 2 − Xset 2 ∗ Xmeas 1
Xset 2 − Xset 1
AOFnx(CI) =
Xset 1 ∗ Xmeas 2 − Xset 2 ∗ Xmeas 1 + c0 ∗ (f T − 1) ∗ (Xset 2 − Xset 1 + Xmeas 1 − Xmeas 2)
(Xset 2 − Xset 1) ∗ f T
with
c0 = 7710,
f T = 1 +
AITKL ∗ CHIP_TEMP
218
−
AITKQ ∗ CHIP_TEMP2
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com