Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 30 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 30 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 26Page - SMSC Corporation LAN91C100FD Datasheet HTML 27Page - SMSC Corporation LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 30
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
RCV_BAD - When set, bad CRC packets are received. When clear bad CRC packets do not generate
interrupts and their memory is released.
Note:
nRXDISC, when asserted, overrides RCV_BAD. Also, RCV_ BAD does not modify the function of RCV
DISCARD in the early receive register.
AUTO RELEASE - When set, transmit pages are released by transmit completion if the transmission was
successful (when TX_SUC is set). In that case there is no status word associated with its packet number,
and successful packet numbers are not even written into the TX COMPLETION FIFO. A sequence of
transmit packets will generate an interrupt only when the sequence is completely transmitted (TX EMPTY
INT will be set), or when a packet in the sequence experiences a fatal error (TX INT will be set). Upon a
fatal error TXENA is cleared and the transmission sequence stops. The packet number that failed, is
present in the FIFO PORTS register, and its pages are not released, allowing the CPU to restart the
sequence after corrective action is taken.
LE ENABLE - Link Error Enable. When set it enables the LINK_OK bit transition as one of the interrupts
merged into the EPH INT bit. Clearing the LE ENABLE bit after an EPH INT interrupt, caused by a
LINK_OK transition, will acknowledge the interrupt. LE ENABLE defaults low (disabled).
CR ENABLE - Counter Roll over Enable. When set, it enables the CTR_ROL bit as one of the interrupts
merged into the EPH INT bit. Reading the COUNTER register after an EPH INT interrupt caused by a
counter rollover, will acknowledge the interrupt. CR ENABLE defaults low (disabled).
TE ENABLE - Transmit Error Enable. When set it enables Transmit Error as one of the interrupts merged
into the EPH INT bit. An EPH INT interrupt caused by a transmitter error is acknowledged by setting
TXENA bit in the TCR register to 1 or by clearing the TE ENABLE bit. TE ENABLE defaults low (disabled).
Transmit Error is any condition that clears TXENA with TX_SUC staying low as described in the EPHSR
register.
EEPROM SELECT - This bit allows the CPU to specify which registers the EEPROM RELOAD or STORE
refers to. When high, the General Purpose Register is the only register read or written. When low,
RELOAD reads Configuration, Base and Individual Address, and STORE writes the Configuration and
Base registers.
RELOAD - When set it will read the EEPROM and update relevant registers with its contents. Clears upon
completing the operation.
STORE - When set, stores the contents of all relevant registers in the serial EEPROM. Clears upon
completing the operation.
Note:
When an EEPROM access is in progress the STORE and RELOAD bits will be read back as high. The
remaining 14 bits of this register will be invalid. During this time attempted read/write operations, other
than polling the EEPROM status, will NOT have any effect on the internal registers. The CPU can resume
accesses to the LAN91C100FD after both bits are low. A worst case RELOAD operation initiated by
RESET or by software takes less than 750
µs.
BANK2
OFFSET
NAME
TYPE
SYMBOL
0
MMU COMMAND
REGISTER
WRITE ONLY
BUSY Bit Readable
MMUCR
This register is used by the CPU to control the memory allocation, de-allocation, TX FIFO and RX FIFO
control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com