Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 59 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 59 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 55Page - SMSC Corporation LAN91C100FD Datasheet HTML 56Page - SMSC Corporation LAN91C100FD Datasheet HTML 57Page - SMSC Corporation LAN91C100FD Datasheet HTML 58Page - SMSC Corporation LAN91C100FD Datasheet HTML 59Page - SMSC Corporation LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 59
Rev. 10/14/2002
PRELIMINARY
7.3
High End ISA or Non-Burst EISA Machines
On ISA machines, the LAN91C100FD is accessed as a 16 bit peripheral. No support for XT (8 bit
peripheral) is provided. The signal connections are listed in the following table:
Table 7.2 - High-End ISA or Non-Burst EISA Machines Signal Connectors
ISA BUS
SIGNAL
LAN91C100FD
SIGNAL
NOTES
A1-A15
A1-A15
Address bus used for I/O space and register decoding.
AEN
AEN
Qualifies valid I/O decoding - enabled access when low.
nIORD
nRD
I/O Read strobe - asynchronous read accesses. Address is valid
before leading edge.
nIOWR
nWR
I/O Write strobe - asynchronous write access. Address is valid
before leading edge. Data is latched on trailing edge.
IOCHRDY
ARDY
This signal is negated on leading nRD, nWR if necessary. It is
then asserted on CLK rising edge after the access condition is
satisfied.
RESET
RESET
A0
nBE0
nSBHE
nBE1
IRQn
INTR0-INTR3
D0-D15
D0-D15
16 bit data bus. The bus byte(s) used to access the device are a
function of nBE0 and nBE1:
nBE0
nBE1
D0-D7
D8-D15
0
0
Lower
Upper
0
1
Lower
Not used
1
0
Not used
Upper
Not used = tri-state on reads, ignored on writes
nIOCS16
nLDEV buffered
nLDEV is a totem pole output. Must be buffered using an open
collector driver. nLDEV is active on valid decodes of A15-A4 and
AEN=0.
UNUSED PINS
GND
LCLK nADS
VCC
nBE2 nBE3
nCYCLE W/nR
nRDYRTN
No upper word access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com