Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 38 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 38 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation LAN91C100FD Datasheet HTML 36Page - SMSC Corporation LAN91C100FD Datasheet HTML 37Page - SMSC Corporation LAN91C100FD Datasheet HTML 38Page - SMSC Corporation LAN91C100FD Datasheet HTML 39Page - SMSC Corporation LAN91C100FD Datasheet HTML 40Page - SMSC Corporation LAN91C100FD Datasheet HTML 41Page - SMSC Corporation LAN91C100FD Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 38
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
BANK3
OFFSET
NAME
TYPE
SYMBOL
0 THROUGH 7
MULTICAST TABLE
READ/WRITE
MT
LOW
BYTE
MULTICAST TABLE 0
0
0
0
0
0
0
0
0
HIGH
BYTE
MULTICAST TABLE 1
0
0
0
0
0
0
0
0
LOW
BYTE
MULTICAST TABLE 2
0
0
0
0
0
0
0
0
HIGH
BYTE
MULTICAST TABLE 3
0
0
0
0
0
0
0
0
LOW
BYTE
MULTICAST TABLE 4
0
0
0
0
0
0
0
0
HIGH
BYTE
MULTICAST TABLE 5
0
0
0
0
0
0
0
0
LOW
BYTE
MULTICAST TABLE 6
0
0
0
0
0
0
0
0
HIGH
BYTE
MULTICAST TABLE 7
0
0
0
0
0
0
0
0
The 64 bit multicast table is used for group address filtering. The hash value is defined as the six most
significant bits of the CRC of the destination addresses. The three msb's determine the register to be used
(MT0-MT7), while the other three determine the bit within the register.
If the appropriate bit in the table is set, the packet is received.
If the ALMUL bit in the RCR register is set, all multicast addresses are received regardless of the multicast
table values.
Hashing is only a partial group addressing filtering scheme, but being the hash value available as part of
the receive status word, the receive routine can reduce the search time significantly. With the proper
memory structure, the search is limited to comparing only the multicast addresses that have the actual
hash value in question.
BANK 3
OFFSET
NAME
TYPE
SYMBOL
8
MANAGEMENT INTERFACE
READ/WRITE
MGMT
HIGH
BYTE
FLTST
MSK_
CRS100
0
0
1
1
0
0
1
1
LOW
BYTE
MDOE
MCLK
MDI
MDO
0
0
1
1
0
0
MDI Pin
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com