Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C100FD Datasheet(PDF) 62 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 62 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 58Page - SMSC Corporation LAN91C100FD Datasheet HTML 59Page - SMSC Corporation LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation LAN91C100FD Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 62
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
EISA BUS
SIGNAL
LAN91C100FD
SIGNAL
NOTES
nEX32
nNOWS
(optional
additional logic)
nLDEV
nLDEV is a totem pole output. nLDEV is active on valid
decodes of LAN91C100FD pins A15-A4, and AEN=0.
nNOWS is similar to nLDEV except that it should go inactive
on nSTART rising. nNOWS can be used to request
compressed cycles (1.5 BCLK long, nRD/nWR will be 1/2
BCLK wide).
THE FOLLOWING SIGNALS SUPPORT SLAVE DMA TYPE "C" BURST CYCLES
BCLK
LCLK
EISA Bus Clock. Data transfer clock for DMA bursts.
nDAK<n>
nDATACS
DMA Acknowledge. Active during Slave DMA cycles. Used
by the LAN91C100FD as nDATACS direct access to data
path.
nIORC
W/nR
Indicates the direction and timing of the DMA cycles. High
during LAN91C100FD writes, low during LAN91C100FD
reads.
nIOWC
nCYCLE
Indicates slave DMA writes.
nEXRDY
nRDYRTN
EISA bus signal indicating whether a slave DMA cycle will
take place on the next BCLK rising edge, or should be
postponed. nRDYRTN is used as an input in the slave DMA
mode to bring in EXRDY.
UNUSED PINS
VCC
nVLBUS
GND
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com