Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5471 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5471
Description  DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5471 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5471 Datasheet HTML 2Page - Cirrus Logic CS5471 Datasheet HTML 3Page - Cirrus Logic CS5471 Datasheet HTML 4Page - Cirrus Logic CS5471 Datasheet HTML 5Page - Cirrus Logic CS5471 Datasheet HTML 6Page - Cirrus Logic CS5471 Datasheet HTML 7Page - Cirrus Logic CS5471 Datasheet HTML 8Page - Cirrus Logic CS5471 Datasheet HTML 9Page - Cirrus Logic CS5471 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CS5471
6
SWITCHING CHARACTERISTICS (T
A = -40 °C to +85 °C; VA+, VD+ = 3.0 V ±10%; VA- = -2 V
±10%; DGND = AGND = 0.0 V; Logic Levels: Logic 0 = 0.0 V, Logic 1 = VD+; CL = 50pF))
Notes: 12. Device parameters are specified with a 4.000 MHz clock, OWRS = 1.
13. Specified using 10% and 90% points on wave-form of interest. Output loaded with 50 pF.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 12)
XIN
3
4.000
5
MHz
Master Clock Duty Cycle
-
40
-
60
%
Rise Times
Any Digital Input (Note 13)
Any Digital Output
trise
-
-
-
50
1.0
-
µs
ns
Fall Times
Any Digital Input (Note 13)
Any Digital Output
tfall
-
-
-
50
1.0
-
µs
ns
Serial Port Timing
Serial Clock Frequency
(Note 12)
OWRS = “0”
OWRS = “1”
SCLK
SCLK
-
-
500
1000
-
-
kHz
kHz
Serial Clock
Pulse Width High (Note 12)
Pulse Width Low (Note 12)
t1
t2
-
-
0.5
0.5
-
-
SCLK
SCLK
SCLK falling to New Data Bit
t3
-
-
50
ns
FSO Falling to SCLK Rising Delay
(Note 12)
t4
-0.5
-
SCLK
FSO Pulse Width
(Note 12)
t5
-1
-
SCLK
SE Rising to Output Enabled
t6
-
-
50
ns
SE Falling to Output in Tri-state
t7
-
-
50
ns
SE
6
t
6
t
SDO
SCLK
t
2
t
1
t
3
FSO
4
t
5
t
MSB(V1)
MSB(V1) - 1
LSB(I2)
Figure 1. Serial Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com