Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5471 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5471
Description  DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5471 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5471 Datasheet HTML 5Page - Cirrus Logic CS5471 Datasheet HTML 6Page - Cirrus Logic CS5471 Datasheet HTML 7Page - Cirrus Logic CS5471 Datasheet HTML 8Page - Cirrus Logic CS5471 Datasheet HTML 9Page - Cirrus Logic CS5471 Datasheet HTML 10Page - Cirrus Logic CS5471 Datasheet HTML 11Page - Cirrus Logic CS5471 Datasheet HTML 12Page - Cirrus Logic CS5471 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CS5471
9
Data out (SDO) changes as a result of SCLK fall-
ing, and always outputs valid data with SCLK ris-
ing. When data is being transferred, the SCLK
frequency is either 1/8 of the XIN input frequency
(when OWRS is held low) or 1/4 of the XIN input
frequency (when OWRS is held high). Any other
time, SCLK is held low. (See Figures 3 and 4.)
The framing signal (FSO) output is normally low,
but produces a high level pulse lasting one SCLK
period when the instantaneous voltage/current data
samples are about to be transmitted out of the serial
interface (after each A/D conversion cycle). Note
that SCLK is not active during FSO high.
For 96 SCLK periods after FSO falls, SCLK is ac-
tive and SDO produces valid output. Six channels
of 16 bit data are output, MSB first. First, the volt-
age and current measurements are output (in that
order). This is followed by four more 16-bit words
of zero-value data. SCLK will then be held low un-
til the next sample period.
2.5
System Initialization
When power to the CS5471 is applied, the chip
must be held in a reset condition using the RESET
input.
A hardware reset is initiated when the RESET pin
is forced low with a minimum pulse width of 50 ns.
2.6
Analog Inputs
The analog inputs of the CS5471 are bipolar volt-
age inputs: One voltage channel input pair (VIN+
and VIN-) and current channel input pair (IIN+ and
IIN-). The CS5471 accommodates a full scale
range of ±40 mV or ±800 mV on the Current Chan-
nel and ±800 mV on the Voltage Channel.
2.7
Voltage Reference
The CS5471 is specified for operation with a
+1.2 V reference between the VREFIN and AGND
pins. The converter includes an internal 1.2 V ref-
erence (50 ppm/°C drift) that can be used by con-
necting the VREFOUT pin to the VREFIN pin of
the device. If higher accuracy/stability is required,
an external reference can be used.
2.8
Using the Charge Pump Drive Pin
The low, stable analog power consumption and su-
perior supply rejection of the CS5471 allow for the
use of a simple charge-pump negative supply gen-
erator. The use of a negative supply alleviates the
need for level shifting of the analog inputs. The
CPD pin and capacitor C1 provide the necessary
analog supply current as shown in Figure 5. The
Schottky diodes D1 and D2 are chosen for their low
forward voltages and high-speed capabilities. The
capacitor C2 provides the required charge storage
SCLK
FSO
SDO
12
15
14
13
0
1
2
3
4
5
6
7
8
9
10
11
15
14
13 12 11 10 9 8
7 6 5 4 3 2 1
Channel 1 ( I )
Channel 1 ( V )
. . .
. . .
. . .
All 0’s
0
96 SCLK Cycles
Figure 4. Close-up of One Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com