Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5471 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5471
Description  DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5471 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5471 Datasheet HTML 3Page - Cirrus Logic CS5471 Datasheet HTML 4Page - Cirrus Logic CS5471 Datasheet HTML 5Page - Cirrus Logic CS5471 Datasheet HTML 6Page - Cirrus Logic CS5471 Datasheet HTML 7Page - Cirrus Logic CS5471 Datasheet HTML 8Page - Cirrus Logic CS5471 Datasheet HTML 9Page - Cirrus Logic CS5471 Datasheet HTML 10Page - Cirrus Logic CS5471 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CS5471
7
2. GENERAL DESCRIPTION
The CS5471 is designed for single-phase power
meter applications and interfaces to a current trans-
formers or shunt to measure current, and a resistive
divider or transformer to measure voltage.
The CS5471 combines two
∆Σ modulators and
decimation filters, one channel assigned for current
input that has programmable input gain amplifiers,
and one channel assigned for voltage input.
The CS5471 includes two decimation filters that
output data at a 2000 Hz or 4000 Hz output word
rate (OWR) when the input frequency at XIN =
4.096 MHz.
The device outputs data on a serial output port.
2.1
Theory of Operation
The CS5471 is designed to operate from a single
+3V supply and provides a ±40 mV and ±800 mV
input range for the current channel and ±800 mV
range for the voltage channel. These voltages rep-
resent the maximum zero-to-peak voltage levels
that can be presented to the inputs. The CS5471 is
designed to accommodate common mode + signal
levels from VA- to VA+. Figure 2 illustrates the
CS5471 typical inputs and power supply connec-
tions.
2.2
Performing Measurements
The converter outputs are transferred in 16-bit
signed (two’s complement) data formats as a per-
VA+
VD+
VIN +
VIN-
IIN+
IIN -
AGND
DGND
REFIN
REFOUT
Optional
External
Reference
V
PHASE
+
I
-2 V
PHASE
VA-
+3 V
1.2 V
NOTE: Current input channel
actually measures voltage.
Figure 2. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com