Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5471 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5471
Description  DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5471 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5471 Datasheet HTML 6Page - Cirrus Logic CS5471 Datasheet HTML 7Page - Cirrus Logic CS5471 Datasheet HTML 8Page - Cirrus Logic CS5471 Datasheet HTML 9Page - Cirrus Logic CS5471 Datasheet HTML 10Page - Cirrus Logic CS5471 Datasheet HTML 11Page - Cirrus Logic CS5471 Datasheet HTML 12Page - Cirrus Logic CS5471 Datasheet HTML 13Page - Cirrus Logic CS5471 Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CS5471
12
Measurement and Reference Input
IIN+, IIN- - Differential Current Input.
Differential analog input pins for current channel.
VIN+, VIN- - Differential Voltage Inputs.
Differential analog input pins for voltage channel.
VREFOUT - Voltage Reference Output.
The on-chip voltage reference is output from this pin. The voltage reference has a nominal magnitude of
1.2 V and is referenced to the AGND pin on the converter.
VREFIN - Voltage Reference Input.
The voltage input to this pin establishes the voltage reference for the on-chip modulator.
Power Supply Connections
VA+ - Positive Analog Supply.
The positive analog supply is nominally +3 V ±10% relative to AGND.
VA- - Negative Analog Supply.
The negative analog supply is nominally -2 V ±10% relative to AGND.
AGND - Analog Ground.
The analog ground pin for input signals.
VD+ - Positive Digital Supply.
The positive digital supply is nominally +3 V ±10% relative to DGND.
DGND - Digital Ground.
The digital ground is typically at the same level as AGND.
CPD - Charge Pump Drive
This output pin drives the external charge pump circuitry to create a negative supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com