Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62568DRLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62568DRLR
Description  1-A High Efficiency Synchronous Buck Converter in SOT Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62568DRLR Datasheet(HTML) 3 Page - Texas Instruments

  TLV62568DRLR Datasheet HTML 1Page - Texas Instruments TLV62568DRLR Datasheet HTML 2Page - Texas Instruments TLV62568DRLR Datasheet HTML 3Page - Texas Instruments TLV62568DRLR Datasheet HTML 4Page - Texas Instruments TLV62568DRLR Datasheet HTML 5Page - Texas Instruments TLV62568DRLR Datasheet HTML 6Page - Texas Instruments TLV62568DRLR Datasheet HTML 7Page - Texas Instruments TLV62568DRLR Datasheet HTML 8Page - Texas Instruments TLV62568DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PG
1
2
3
6
5
4
EN
SW
GND
VIN
FB
NC/PG
1
2
3
6
5
4
EN
SW
GND VIN
FB
1
2
3
5
4
EN
SW
GND
VIN
FB
SOT23-5
DBV Package
(Top View)
SOT23-6
DDC Package
(Top View)
SOT563-6
DRL Package
(Top View)
3
TLV62568, TLV62568P
www.ti.com
SLVSD89A – NOVEMBER 2016 – REVISED APRIL 2017
Product Folder Links: TLV62568 TLV62568P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
Pin Functions
PIN NUMBER
I/O/PWR
DESCRIPTION
NAME
SOT23-5
SOT23-6
SOT563-6
EN
1
1
5
I
Device enable logic input. Logic high enables the device, logic low disables
the device and turns it into shutdown. Do not leave floating.
GND
2
2
2
PWR
Ground pin.
SW
3
3
4
PWR
Switch pin connected to the internal FET switches and inductor terminal.
Connect the inductor of the output filter to this pin.
VIN
4
4
3
PWR
Power supply voltage input.
PG
-
5
6
O
Power good open drain output pin for TLV62568P. The pull-up resistor should
not be connected to any voltage higher than 5.5V. If it's not used, leave the
pin floating.
FB
5
6
1
I
Feedback pin for the internal control loop. Connect this pin to an external
feedback divider.
NC
-
-
6
O
No connection pin for TLV62568DRL. The pin can be connected to the output.
Or leave it floating.
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. Functional operation of the
device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
While switching.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage(2)
VIN, EN, PG
–0.3
6
V
SW (DC)
–0.3
VIN+0.3
V
SW (AC, less than 10 ns)(3)
–3.0
9
V
FB
–0.3
5.5
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com