Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62568DRLR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62568DRLR
Description  1-A High Efficiency Synchronous Buck Converter in SOT Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62568DRLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV62568DRLR Datasheet HTML 5Page - Texas Instruments TLV62568DRLR Datasheet HTML 6Page - Texas Instruments TLV62568DRLR Datasheet HTML 7Page - Texas Instruments TLV62568DRLR Datasheet HTML 8Page - Texas Instruments TLV62568DRLR Datasheet HTML 9Page - Texas Instruments TLV62568DRLR Datasheet HTML 10Page - Texas Instruments TLV62568DRLR Datasheet HTML 11Page - Texas Instruments TLV62568DRLR Datasheet HTML 12Page - Texas Instruments TLV62568DRLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
R1
200 k
R2
100 k
SW
GND FB
EN
PG
VIN
C3*
C2
10 µF
R3
499 k
C1
4.7 µF
VIN
2.5 V to 5.5 V
VPG
VOUT
1.8 V / 1.0 A
L1
2.2 µH
C3: Optional
TLV62568P
Copyright Ú 2016, Texas Instruments Incorporated
9
TLV62568, TLV62568P
www.ti.com
SLVSD89A – NOVEMBER 2016 – REVISED APRIL 2017
Product Folder Links: TLV62568 TLV62568P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following section discusses the design of the external components to complete the power supply design for
several input and output voltage options by using typical applications as a reference.
8.2 Typical Application
Figure 5. TLV62568 1.8-V Output Application
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
2.5 V to 5.5 V
Output voltage
1.8 V
Maximum output current
1.0 A
(1)
See Third-party Products Disclaimer
Table 3 lists the components used for the example.
Table 3. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER(1)
C1
4.7 µF, Ceramic Capacitor, 10 V, X7R, size 0805, GRM21BR71A475KA73L
Murata
C2
10 µF, Ceramic Capacitor, 10 V, X7R, size 0805, GRM21BR71A106KE51L
Murata
L1
2.2 µH, Power Inductor, SDER041H-2R2MS
Cyntec
R1,R2,R3
Chip resistor,1%,size 0603
Std.
C3
Optional, 6.8 pF if it is needed
Std.
8.2.2 Detailed Design Procedure
8.2.2.1 Setting the Output Voltage
An external resistor divider is used to set output voltage according to Equation 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com