Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62568DRLR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62568DRLR
Description  1-A High Efficiency Synchronous Buck Converter in SOT Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62568DRLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV62568DRLR Datasheet HTML 9Page - Texas Instruments TLV62568DRLR Datasheet HTML 10Page - Texas Instruments TLV62568DRLR Datasheet HTML 11Page - Texas Instruments TLV62568DRLR Datasheet HTML 12Page - Texas Instruments TLV62568DRLR Datasheet HTML 13Page - Texas Instruments TLV62568DRLR Datasheet HTML 14Page - Texas Instruments TLV62568DRLR Datasheet HTML 15Page - Texas Instruments TLV62568DRLR Datasheet HTML 16Page - Texas Instruments TLV62568DRLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
7LPH
V ',9
D017
VOUT
0.1V/DIV
ICOIL
0.5A/DIV
7LPH
V ',9
D018
VOUT
0.1V/DIV
ICOIL
0.5A/DIV
7LPH
V ',9
D015
VEN
3V/DIV
VOUT
1V/DIV
ICOIL
1A/DIV
7LPH
V ',9
D016
VEN
3V/DIV
VOUT
1V/DIV
ICOIL
0.5A/DIV
13
TLV62568, TLV62568P
www.ti.com
SLVSD89A – NOVEMBER 2016 – REVISED APRIL 2017
Product Folder Links: TLV62568 TLV62568P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
IOUT = 1 A
Figure 16. Startup with Load
IOUT = 0.1 A
Figure 17. Startup with Load
Load Step 0.3 A to 1 A, 1A/µs slew rate
Figure 18. Load Transient
Load Step 0.3 A to 1 A, 1A/µs slew rate
C3 = 6.8 pF
Figure 19. Load Transient with a feed forward capacitor
9 Power Supply Recommendations
The power supply to the TLV62568 must have a current rating according to the supply voltage, output voltage
and output current.
10 Layout
10.1 Layout Guidelines
The PCB layout is an important step to maintain the high performance of the TLV62568 device.
•
The input/output capacitors and the inductor should be placed as close as possible to the IC. This keeps the
power traces short. Routing these power traces direct and wide results in low trace resistance and low
parasitic inductance.
•
The low side of the input and output capacitors must be connected properly to the power GND to avoid a
GND potential shift.
•
The sense traces connected to FB are signal traces. Special care should be taken to avoid noise being
induced. Keep these traces away from SW nodes.
•
GND layers might be used for shielding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com