Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MSB Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MSB Datasheet HTML 7Page - IC-Haus GmbH IC-MSB Datasheet HTML 8Page - IC-Haus GmbH IC-MSB Datasheet HTML 9Page - IC-Haus GmbH IC-MSB Datasheet HTML 10Page - IC-Haus GmbH IC-MSB Datasheet HTML 11Page - IC-Haus GmbH IC-MSB Datasheet HTML 12Page - IC-Haus GmbH IC-MSB Datasheet HTML 13Page - IC-Haus GmbH IC-MSB Datasheet HTML 14Page - IC-Haus GmbH IC-MSB Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 11/32
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 4.3...5.5 V, Tj = -40...140 °C, IBN calibrated to 200 µA, reference point GNDS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
B06 Ipu()
Input Pull-up Current
V() = 0 . . . VDD − 1 V, EPU = 1
-400
-300
-200
µA
B07 Rpu()
Input Pull-Up Resistor
EPU = 0
500
kΩ
B08 Vpu()
Pull-up Voltage
Vpu() = VDD − V(), I() = -5 µA, EPU = 1
0.4
V
B09 VTMon
Test Mode Activation Threshold
increasing voltage at ERR
VDD +
1.5
V
B10 VTMoff
Test Mode Disabling Threshold
decreasing voltage at ERR
VDD +
0.5
V
B11 VTMhys
Test Mode Hysteresis
VTMhys = VTMon − VTMoff
0.15
0.3
V
B12 Ilk()
Leakage Current
tristate or reversed supply voltage
-1
-10
-50
µA
B13 tp()tri
Propagation Delay System Error
to Driver Shutdown (tristate)
V(ERR): hi → lo
35
µs
Supply Switch and Reverse Polarity Protection VDDS, GNDS
C01 Vs()
Saturation Voltage
VDDS vs. VDD
Vs(VDDS) = VDD − V(VDDS)
I(VDDS) = -10 mA...0 mA
150
mV
I(VDDS) = -20 mA...-10 mA
250
mV
C02 Vs()
Saturation Voltage
GNDS vs. GND
Vs(GNDS) = V(GNDS) − GND
I(GNDS) = 0 mA...10 mA
150
mV
I(GNDS) = 10 mA...20 mA
250
mV
C03 C()
Backup Capacitor Analog Supply
VDDS vs. GNDS
100
nF
Serial Configuration Interface SCL, SDA
D01 Vs()lo
Saturation Voltage lo
I() = 4 mA
400
mV
D02 Isc()
Short-circuit Current lo
4
80
mA
D03 Vt()hi
Input Threshold Voltage hi
2
V
D04 Vt()lo
Input Threshold Voltage lo
0.8
V
D05 Vt()hys
Input Hysteresis
Vt()hys = Vt()hi − Vt()lo
300
500
mV
D06 Ipu()
Input Pull-up Current
V() = 0...VDDS − 1 V
-600
-300
-60
µA
D07 Vpu()
Input Pull-up Voltage
Vpu() = VDDS − V(), I() = -5 µA
0.4
V
D08 fclk(SCL)
Clock Frequency at SCL
ENFAST = 0
60
80
100
kHz
ENFAST = 1
240
320
400
kHz
D09 tbusy()cfg Duration of Startup Configuration IBN not calibated, EEPROM access without
read failure, time to outputs operational;
ENFAST = 0
40
55
ms
ENFAST = 1
25
35
ms
D10 tbusy()err
End Of I2C Communication; Time
Until I2C Slave Is Enabled
IBN not calibrated;
V(SDA) = 0 V
4
12
ms
V(SCL) = 0 V or arbitration lost
indef.
ms
no EEPROM
45
135
ms
CRC ERROR
95
285
ms
D11 td()
Start Of Master Activity On I2C
Protocol Error
SCL without clock signal: V(SCL) = constant;
IBN not calibrated
25
80
240
µs
IBN calibrated to 200 µA
64
80
120
µs
D12 td()i2c
Delay for I2C-Slave-Mode Enable no EEPROM, V(SDA) = 0 V
4
6.2
ms
Temperature Monitoring
E01 VTs
Temperature Sensor Voltage
VTs() = VDDS − V(PS), Tj = 27 °C,
600
650
700
mV
Calibration Mode 3, no load
E02 TCs
Temp. Co. of Temperature Sen-
sor Voltage
-1.8
mV/K
E03 VTth
Temperature Warning Activation
Threshold
VTth() = VDDS − V(NS), Tj = 27 °C,
Calibration Mode 3, no load;
CFGTA(3:0) = 0x00
260
310
360
mV
CFGTA(3:0) = 0x0F
470
550
630
mV
E04 TCth
Temp. Co. Temperature Warning
Activation Threshold
0.06
%/K
E05 Thys
Temperature Warning Hysteresis Tj = 27 °C
4
12
20
°C
E06 ∆T
Relative Shutdown Temperature ∆T = Toff − Tw, Tj = 27 °C
4
12
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com