Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MSB Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MSB Datasheet HTML 1Page - IC-Haus GmbH IC-MSB Datasheet HTML 2Page - IC-Haus GmbH IC-MSB Datasheet HTML 3Page - IC-Haus GmbH IC-MSB Datasheet HTML 4Page - IC-Haus GmbH IC-MSB Datasheet HTML 5Page - IC-Haus GmbH IC-MSB Datasheet HTML 6Page - IC-Haus GmbH IC-MSB Datasheet HTML 7Page - IC-Haus GmbH IC-MSB Datasheet HTML 8Page - IC-Haus GmbH IC-MSB Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 3/32
CONTENTS
PACKAGING INFORMATION
4
PIN CONFIGURATION TSSOP20,
TSSOP20-TP . . . . . . . . . . . . . . .
4
PIN CONFIGURATION QFN32-5x5
- PRELIMINARY - . . . . . . . . . . . . .
5
PACKAGE DIMENSIONS : QFN32-5x5
(5 mm x 5 mm) . . . . . . . . . . . . . .
6
ABSOLUTE MAXIMUM RATINGS
7
THERMAL DATA
7
ELECTRICAL CHARACTERISTICS
8
PROGRAMMING
12
REGISTER MAP
13
SERIAL CONFIGURATION INTERFACE
(EEPROM)
15
Example of CRC Calculation Routine . . . .
15
EEPROM Selection . . . . . . . . . . . . . .
15
I2C Slave Mode (ENSL = 1) . . . . . . . . . .
16
BIAS SOURCE AND TEMPERATURE
SENSOR CALIBRATION
17
OPERATING MODES
18
Calibration Op. Modes . . . . . . . . . . . . .
18
Special Device Test Functions . . . . . . . .
18
Signal Filter . . . . . . . . . . . . . . . . . . .
18
TEST MODE
19
INPUT CONFIGURATION
20
Current Signals . . . . . . . . . . . . . . . . .
20
Voltage Signals . . . . . . . . . . . . . . . . .
20
SIGNAL PATH MULTIPLEXING: iC-MSBSAFETY
22
EXTENDED SIGNAL PATH MULTIPLEXING:
iC-MSB2 ( not for safety applications )
23
SIGNAL CONDITIONING CH1, CH2
24
Gain Settings CH1, CH2 . . . . . . . . . . . .
24
Offset Calibration CH1, CH2 . . . . . . . . .
25
Phase Correction CH1 vs. CH2 . . . . . . . .
25
SIGNAL CONDITIONING CH0
26
Gain Settings CH0 . . . . . . . . . . . . . . .
26
Offset Calibration CH0 . . . . . . . . . . . . .
26
SIGNAL LEVEL CONTROL and SIGNAL
MONITORING
27
ERROR MONITORING AND ALARM OUTPUT
28
Alarm Output: I/O pin ERR . . . . . . . . . .
28
Excessive Temperature Warning . . . . . . .
28
Driver Shutdown . . . . . . . . . . . . . . . .
28
Error Protocol . . . . . . . . . . . . . . . . . .
29
REVERSE POLARITY PROTECTION
29
APPLICATION HINTS
30
Connecting MR sensor bridges for
safety-related applications . . . . . . . .
30
PLC Operation . . . . . . . . . . . . . . . . .
30
REVISION HISTORY
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com