Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MSB Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-MSB Datasheet HTML 9Page - IC-Haus GmbH IC-MSB Datasheet HTML 10Page - IC-Haus GmbH IC-MSB Datasheet HTML 11Page - IC-Haus GmbH IC-MSB Datasheet HTML 12Page - IC-Haus GmbH IC-MSB Datasheet HTML 13Page - IC-Haus GmbH IC-MSB Datasheet HTML 14Page - IC-Haus GmbH IC-MSB Datasheet HTML 15Page - IC-Haus GmbH IC-MSB Datasheet HTML 16Page - IC-Haus GmbH IC-MSB Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 13/32
REGISTER MAP
Register Map
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration Interface
0x00
ENFAST
DEVID(6:0)
Calibration
0x01
CFGIBN(3:0)
CFGTA(3:0)
Operation Modes
0x02
NTRI*
1
0
–
MODE(3:0)
Input Configuration and Signal Path Multiplexer: iC-MSB
0x03
EAZ
0
0
0
INVZ
INMODE
MUXIN(1:0)
Input Configuration and Signal Path Multiplexer: iC-MSB2
0x03
EAZ
MUXOUT(2:0)
INVZ
INMODE
MUXIN(1:0)
Signal Conditioning CH1, CH2
0x04
GF2(4:0)
GR12(2:0)
0x05
GF1(7:0)
0x06
VDC1(4:0)
GF1(10:8)
0x07
VDC2(2:0)
VDC1(9:5)
0x08
OR1(0)
VDC2(9:3)
0x09
OF1(6:0)
OR1(1)
0x0A
OF2(1:0)
OR2(1:0)
OF1(10:7)
0x0B
OF2(9:2)
0x0C
PH12(6:0)
OF2(10)
0x0D
BIASEX(1:0)
BYP
1
1
PH12(9:7)
0x0E
ENF
BIAS12
VOS12(1:0)
RIN12(3:0)
Signal Level Controller
0x0F
ADJ(0)
–
0
1
0
0
0
0
0x10
ADJ(8:1)
Signal Conditioning CH0
0x11
GF0(4:0)
GR0(2:0)
0x12
OF0(5:0)
OR0(1:0)
0x13
0
BIAS0
VOS0(1:0)
RIN0(3:0)
Error Monitoring and Alarm Output
0x14
0
EMASKA(6:0)
0x15
TMODE(1:0)
EMTD(2:0)
EPH
0
0
0x16
0
EMASKO(6:0)*
0x17
EMASKE(3:0)
ENSL
EPU
0
0
0x18
TMEM
PDMODE
0
0
0
EMASKE(6:4)*
0x19..
0x1A
not defined
0x1B..
0x1E
OEM Data
Check Sum / Chip Release
0x1F
EEPROM: CHKSUM(7:0) / ROM: CHPREL(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com