Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MSB Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-MSB Datasheet HTML 17Page - IC-Haus GmbH IC-MSB Datasheet HTML 18Page - IC-Haus GmbH IC-MSB Datasheet HTML 19Page - IC-Haus GmbH IC-MSB Datasheet HTML 20Page - IC-Haus GmbH IC-MSB Datasheet HTML 21Page - IC-Haus GmbH IC-MSB Datasheet HTML 22Page - IC-Haus GmbH IC-MSB Datasheet HTML 23Page - IC-Haus GmbH IC-MSB Datasheet HTML 24Page - IC-Haus GmbH IC-MSB Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 21/32
5V
3V
2V
4V
1 V
2.75 V
1V
VCM 2.625 V
VIN 250 mV max.
VCM 1.125 V
VCM 3.75 V
VDDS= 4.25 V
VDDS= 4.25 V
-IN
+IN
VCM
VIN 1 V max.
+IN
-IN
V-Mode 4:1
VREFin 1.5 V
V-Mode 1:1
VREFin 1.5 V or 2.5 V
GNDS 0.25 V
VCM 0.75 V
NB: VREFin is referenced to GNDS.
Figure 3: Permissible common mode range and maximum input signal for lowest gain (GR12 = 0x0,
GF1, GF2 = 0x00); left side: voltage input 1:1, right side: voltage input 4:1.
5V
3V
2V
4V
1.75 V
2.75 V
1V
VCM 2.25 V
GNDS 0.25 V
VCM 3.75 V
VDDS= 4.25 V
VDDS= 4.25 V
VCM 0.75 V
VCM
VIN 1 V max.
+IN
-IN
V-Mode 4:1
VREFex 0.5 V
(BIASEX = 11)
V-Mode 4:1
VREFex 0.75 V
(BIASEX = 11)
V-Mode 4:1
- or -
VREFin 1.5 V
VREFex 1.5 V
(BIASEX = 11)
V-Mode 4:1
- or -
VREFin 2.5 V
VREFex 2.5 V
(BIASEX = 11)
1 V
VCM 1.75 V
VCM 2.25 V
VCM 0.75 V
VCM 3.75 V
VCM 3.75 V
NB: VREFex and
are referenced to GNDS.
VREFin
Figure 4: Permissible common mode range for voltage input 4:1 in dependancy to the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com