| Electronic Components Datasheet Search |
|
ECT25S40 Datasheet(PDF) 23 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S40 Datasheet(HTML) 23 Page - E-CMOS Corporation |
|
23 / 46 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 23 of 46 4L08N-Rev.F001 ECT25S40 4M BIT SPI NOR FLASH Continuous Read Mode Reset (FFH or FFFFH) The“Continuous Read Mode” bits are used in conjunction with “Fast Read Dual I/O” and “Fast Read Quad I/O” Instructions to provide the highest random Flash memory access rate with minimum SPI instruction overhead, thus allowing more efficient XIP(execute in place) with this device family.The “Continuous Read Mode” bits M7-0 are set by the Dual/Quad I/O Read Instructions. M5-4 are used to control whether the 8-bit SPI instruction code (BBh or EBh) is needed or not for the nextinstruction. When M5-4 = (1,0), the next instruction will be treated the same as the current Dual/Quad I/O Read instruction without needing the 8-bit instruction code; when M5-4 do not equal to (1,0), the device returns to normal SPI instruction mode, in which all instructions can be accepted. M7-6 and M3-0 are reserved bits for future use, either 0 or 1 values can be used.See Figure 18, the Continuous Read Mode Reset instruction (FFh or FFFFh) can be used to set M4= 1, thus the device will release the Continuous Read Mode and return to normal SPI operation. To reset “Continuous Read Mode” during Quad I/O operation, only eight clocks are needed. The inst ruction is“FFh”.To reset “Continuous Read Mode” during Dual I/O operation,sixteen clocks are needed to shift in in struction “FFFFh Figure 18. Continuous Read Mode Reset Sequence Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |