| Electronic Components Datasheet Search |
|
ECT25S40 Datasheet(PDF) 30 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S40 Datasheet(HTML) 30 Page - E-CMOS Corporation |
|
30 / 46 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 30 of 46 4L08N-Rev.F001 ECT25S40 4M BIT SPI NOR FLASH Figure 25. Erase Security Registers instruction Sequence Diagram Program Security Registers (42H) See Figure 26, the Program Security Registers instruction is similar to the Page Program instruction. It allows from 1 to 256 bytes Security Registers data to be programmed. A Write Enable instruction must previously have been executed to set the Write Enable Latch bit Before sending the Program Security Registers instruction. The Program Security Registers instruction is entered by driving /CS Low, followed by the instruction code(42H),3-byte address and at least one data byte on SI. As soon as /CS is driven high, the self-timed Program Security Registers cycle (whose duration is tPP) is initiated.While the Program Security Registers cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit.The Write In Progress (WIP) bit is 1 during the self-timed Program Security Registers cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch bit is reset. If the Security Registers Lock Bit (LB3/LB2/LB1) is set to 1, the Security Registers will be permanently locked. Program Security Registers instruction will be ignored. Figure 26. Program Security Registers instruction Sequence Diagram Address A23-A16 A15-A8 A7-A0 Security Registers 1 00H 01H Byte Address Security Registers 2 00H 02H Byte Address Security Registers 3 00H 03H Byte Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |