Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9684 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9684 Datasheet HTML 13Page - Analog Devices AD9684 Datasheet HTML 14Page - Analog Devices AD9684 Datasheet HTML 15Page - Analog Devices AD9684 Datasheet HTML 16Page - Analog Devices AD9684 Datasheet HTML 17Page - Analog Devices AD9684 Datasheet HTML 18Page - Analog Devices AD9684 Datasheet HTML 19Page - Analog Devices AD9684 Datasheet HTML 20Page - Analog Devices AD9684 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
AD9684
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
1.32 V
AVDD2 to AGND
2.75 V
AVDD3 to AGND
3.63 V
DVDD to DGND
1.32 V
DRVDD to DRGND
1.32 V
SPIVDD to AGND
3.63 V
AGND to DRGND
−0.3 V to +0.3 V
VIN±x to AGND
3.2 V
SCLK, SDIO, CSB to AGND
−0.3 V to SPIVDD + 0.3 V
VIN±x Maximum Swing
4.3 V p-p
PDWN/STBY to AGND
−0.3 V to SPIVDD + 0.3 V
Environmental
Operating Temperature Range
(TCASE)
−40°C to +85°C
Maximum Junction Temperature
125°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Typical θJA, θJB, and θJC are specified vs. the number of printed
circuit board (PCB) layers in different airflow velocities (in
m/sec). Airflow increases heat dissipation effectively reducing
θJA and θJB. The use of appropriate thermal management
techniques is recommended to ensure that the maximum
junction temperature does not exceed the limits shown in Table 7.
Table 7. Simulated Thermal Data
PCB
Type
Airflow
Velocity
(m/sec)
θJA
θJB
θJC_TOP
θJC_BOT
Unit
JEDEC
2s2p
Board
0.0
17.81,2
6.31,3
4.71,5
1.21,5
°C/W
1.0
15.61,2
5.91,3
N/A4
N/A4
°C/W
2.5
15.01,2
5.71,3
N/A4
N/A4
°C/W
10-Layer
PCB
0.0
13.8
4.6
4.7
1.2
°C/W
1.0
12.7
4.6
N/A4
N/A4
°C/W
2.5
12.0
4.6
N/A4
N/A4
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
N/A means not applicable.
5
Per MIL-STD 883, Method 1012.1.
ESD CAUTION
Rev. 0 | Page 16 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com