Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9684 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9684 Datasheet HTML 16Page - Analog Devices AD9684 Datasheet HTML 17Page - Analog Devices AD9684 Datasheet HTML 18Page - Analog Devices AD9684 Datasheet HTML 19Page - Analog Devices AD9684 Datasheet HTML 20Page - Analog Devices AD9684 Datasheet HTML 21Page - Analog Devices AD9684 Datasheet HTML 22Page - Analog Devices AD9684 Datasheet HTML 23Page - Analog Devices AD9684 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Data Sheet
AD9684
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 1.2 V, AVDD2= 2.5 V, AVDD3 = 3.3 V, DVDD = 1.2 V, DRVDD = 1.2 V, SPIVDD = 1.8 V, sampling rate = 500 MHz, 1.6 V p-p
full-scale differential input, AIN = −1.0 dBFS, default SPI settings, TA = 25°C, 256k FFT sample, unless otherwise noted.
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 68.9dBFS
ENOB = 10.9 BITS
SFDR = 83dBFS
BUFFER CONTROL 1 = 2.0×
Figure 12. Single Tone FFT with fIN = 10.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 68.7dBFS
ENOB = 10.9 BITS
SFDR = 84dBFS
BUFFER CONTROL 1 = 2.0×
Figure 13. Single Tone FFT with fIN = 170.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 67.8dBFS
ENOB = 10.8 BITS
SFDR = 82dBFS
BUFFER CONTROL 1 = 4.5×
Figure 14. Single Tone FFT with fIN = 340.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 67.3dBFS
ENOB = 10.8 BITS
SFDR = 86dBFS
BUFFER CONTROL 1 = 4.5×
Figure 15. Single Tone FFT with fIN = 450.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 63.9dBFS
ENOB = 10.3 BITS
SFDR = 81dBFS
BUFFER CONTROL 1 = 5.0×
Figure 16. Single Tone FFT with fIN = 765.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 62.8dBFS
ENOB = 10.1 BITS
SFDR = 76dBFS
BUFFER CONTROL 1 = 5.0×
Figure 17. Single-Tone FFT with fIN = 985.3 MHz
Rev. 0 | Page 19 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com