Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9684 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9684 Datasheet HTML 14Page - Analog Devices AD9684 Datasheet HTML 15Page - Analog Devices AD9684 Datasheet HTML 16Page - Analog Devices AD9684 Datasheet HTML 17Page - Analog Devices AD9684 Datasheet HTML 18Page - Analog Devices AD9684 Datasheet HTML 19Page - Analog Devices AD9684 Datasheet HTML 20Page - Analog Devices AD9684 Datasheet HTML 21Page - Analog Devices AD9684 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Data Sheet
AD9684
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A
AGND
AGND
AGND
AVDD2
AVDD1
AGND
CLK+
CLK–
AGND
AVDD1
AVDD2
AGND
AGND
AGND
B
AVDD3
AGND
AGND
AVDD2
AVDD1
AGND
AGND
AGND
AGND
AVDD1
AVDD2
AGND
AGND
AVDD3
C
AVDD3
AGND
AGND
AVDD2
AVDD1
AGND
SYNC+
SYNC–
AGND
AVDD1
AVDD2
AGND
AGND
AVDD3
D
AGND
AGND
AGND
AVDD2
AVDD1
AGND
AVDD1
AGND
AGND
AVDD1
AVDD2
AGND
AGND
AGND
E
VIN–B
AGND
AGND
AVDD2
AVDD1
AGND
AGND
AGND
AGND
AVDD1
AVDD2
AGND
AGND
VIN–A
F
VIN+B
AGND
AGND
AVDD2
AGND
AGND
AGND
AGND
AGND
AGND
AVDD2
AGND
AGND
VIN+A
G
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AVDD2
AGND
AGND
AGND
H
AGND
AGND
AGND
CSB
AGND
AGND
AGND
AGND
AGND
V_1P0
AGND
AGND
AGND
AGND
J
FD_B
AGND
AGND
SCLK
SPIVDD
AGND
AGND
AGND
AGND
AVDD2
SPIVDD
AGND
PDWN/STBY
FD_A
K
DGND
DGND
AGND
SDIO
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
DCO–
DCO+
L
DVDD
DVDD
DGND
DGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
STATUS–
STATUS+
M
D1+
D1–
DVDD
DVDD
DRVDD
DRVDD
DRVDD
DRGND
DRGND
DRGND
DRGND
DRGND
D13–
D13+
N
D2–
D3–
D4–
D5–
D6–
D0–
DRVDD
DRGND
D7–
D8–
D9–
D10–
D11–
D12–
P
A
B
C
D
E
F
G
H
J
K
L
M
N
P
D2+
D3+
D4+
D5+
D6+
D0+
DRVDD
DRGND
D7+
D8+
D9+
D10+
D11+
D12+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Figure 11. Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
Power Supplies
A5, A10, B5, B10, C5, C10, D5, D7,
D10, E5, E10
AVDD1
Supply
Analog Power Supply (1.25 V Nominal).
A4, A11, B4, B11, C4, C11, D4,
D11, E4, E11, F4, F11, G11, J10
AVDD2
Supply
Analog Power Supply (2.50 V Nominal).
B1, B14, C1, C14
AVDD3
Supply
Analog Power Supply (3.3 V Nominal)
L1, L2, M3, M4
DVDD
Supply
Digital Power Supply (1.25 V Nominal).
M5, M6, M7, N7, P7
DRVDD
Supply
Digital Driver Power Supply (1.25 V Nominal).
J5, J11
SPIVDD
Supply
Digital Power Supply for SPI (1.8 V to 3.4 V).
K1, K2, L3, L4
DGND
Ground
Ground Reference for DVDD.
M8 to M12, N8, P8
DRGND
Ground
Ground Reference for DRVDD.
A1, A2, A3, A6, A9, A12, A13, A14,
B2, B3, B6, B7, B8, B9, B12, B13,
C2, C3, C6, C9, C12, C13, D1,
D2, D3, D6, D8, D9, D12, D13,
D14, E2, E3, E6 to E9, E12, E13,
F2, F3, F5 to F10, F12, F13, G1
to G10, G12, G13, G14, H1, H2,
H3, H5 to H9, H11 to H14, J2,
J3, J6 to J9, J12, K3, K5 to K12,
L5 to L12
AGND
Ground
Ground Reference for AVDD.
Analog
E14, F14
VIN−A, VIN+A
Input
ADC A Analog Input Complement/True.
E1, F1
VIN−B, VIN+B
Input
ADC B Analog Input Complement/True.
H10
V_1P0
Input/DNC
1.0 V Reference Voltage Input/Do Not Connect. This pin is
configurable through the SPI as a no connect or as an input.
Do not connect this pin if using the internal reference. This pin
requires a 1.0 V reference voltage input if using an external
voltage reference source.
A7, A8
CLK+, CLK−
Input
Clock Input True/Complement.
Rev. 0 | Page 17 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com