Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9684 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9684 Datasheet HTML 25Page - Analog Devices AD9684 Datasheet HTML 26Page - Analog Devices AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices AD9684 Datasheet HTML 30Page - Analog Devices AD9684 Datasheet HTML 31Page - Analog Devices AD9684 Datasheet HTML 32Page - Analog Devices AD9684 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
AD9684
Data Sheet
1
10
100
1000
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
10 BITS
16 BITS
14 BITS
12 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
ANALOG INPUT FREQUENCY (MHz)
Figure 53. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal when aperture jitter
may affect the dynamic range of the AD9684. Separate the power
supplies for the clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise. If
the clock is generated from another type of source (by gating,
dividing, or other methods), retime the clock by the original clock
at the last step. For more in-depth information about jitter
performance as it relates to ADCs, see the AN-501 Application
Note and the AN-756 Application Note.
Figure 54 shows the estimated SNR of the AD9684 across the
input frequency for different clock induced jitter values. Estimate
the SNR using the following equation:
+
=


 −


 −
10
10
10
10
10log
(dBFS)
JITTER
ADC
SNR
SNR
SNR
45
50
55
60
65
70
75
1M
10M
100M
1G
10G
INPUT FREQUENCY (Hz)
25fs
50fs
75fs
100fs
125fs
150fs
175fs
200fs
Figure 54. Estimated SNR Degradation for the AD9684 vs. Input Frequency
and Clock Jitter
POWER-DOWN/STANDBY MODE
The AD9684 has a PDWN/STBY pin that configures the device
in power-down or standby mode. The default operation is the
power-down function. The PDWN/STBY pin is a logic high pin.
The power-down option can also be set via Register 0x03F and
Register 0x040.
TEMPERATURE DIODE
The AD9684 contains a diode-based temperature sensor for
measuring the temperature of the die. This diode can output a
voltage and serve as a coarse temperature sensor to monitor the
internal die temperature.
The temperature diode voltage can be output to the FD_A pin
using the SPI. Use Register 0x028, Bit 0 to enable or disable the
diode. Register 0x028 is a local register. Channel A must be
selected in the device index register (Register 0x008) to enable
the temperature diode readout. Configure the FD_A pin to
output the diode voltage by programming Register 0x040,
Bits[2:0]. See Table 29 for more information.
The voltage response of the temperature diode (with SPIVDD =
1.8 V) is shown in Figure 55.
TEMPERATURE (°C)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115 125
Figure 55. Diode Voltage vs. Temperature
Rev. 0 | Page 28 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com