Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4220 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM4220
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4220 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM4220 Datasheet HTML 1Page - Anpec Electronics Coropration APM4220 Datasheet HTML 2Page - Anpec Electronics Coropration APM4220 Datasheet HTML 3Page - Anpec Electronics Coropration APM4220 Datasheet HTML 4Page - Anpec Electronics Coropration APM4220 Datasheet HTML 5Page - Anpec Electronics Coropration APM4220 Datasheet HTML 6Page - Anpec Electronics Coropration APM4220 Datasheet HTML 7Page - Anpec Electronics Coropration APM4220 Datasheet HTML 8Page - Anpec Electronics Coropration APM4220 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Aug., 2002
APM4220
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
TA=25
°C
2.5
PD
Maximum Power Dissipation
TA=100
°C
1.0
W
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
RθJA
*
Thermal Resistance – Junction to Ambient
50
°C/W

APM4220
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
25
V
IDSS
Zero Gate Voltage Drain Current
VDS=20V , VGS=0V

1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250
µA
1
1.5
2
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V

±100
nA
VGS=10V, IDS=14A

7.5
9
RDS(ON)
a
Drain-Source On-state Resistance
VGS=4.5V,IDS=8A

10
12
m
Ω
VSD
a
Diode Forward Voltage
IS=16A, VGS=0V
0.7
1.2
V
Dynamic
b
Qg
Total Gate Charge
16
20
Qgs
Gate-Source Charge
6
Qgd
Gate-Drain Charge
VDS=15V, IDS=14A
VGS=4.5V,
6
nC
td(ON)
Turn-on Delay Time
10
15
Tr
Turn-on Rise Time
7
13
td(OFF)
Turn-off Delay Time
35
50
Tf
Turn-off Fall Time
VDD=15V, IDS=1A,
VGEN=10V,RG=6
Ω,
10
20
ns
Ciss
Input Capacitance
1785
Coss
Output Capacitance
605
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=15V
Frequency=1.0MHz
490
pF

Notes
a : Guaranteed by design, not subject to production testing
b : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (Cont.) (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com