Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4220 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM4220
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4220 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APM4220 Datasheet HTML 1Page - Anpec Electronics Coropration APM4220 Datasheet HTML 2Page - Anpec Electronics Coropration APM4220 Datasheet HTML 3Page - Anpec Electronics Coropration APM4220 Datasheet HTML 4Page - Anpec Electronics Coropration APM4220 Datasheet HTML 5Page - Anpec Electronics Coropration APM4220 Datasheet HTML 6Page - Anpec Electronics Coropration APM4220 Datasheet HTML 7Page - Anpec Electronics Coropration APM4220 Datasheet HTML 8Page - Anpec Electronics Coropration APM4220 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Aug., 2002
APM4220
www.anpec.com.tw
6
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 .3 5
1 .7 5
0 .0 5 3
0 . 0 6 9
A 1
0. 10
0. 25
0. 004
0. 010
D
4 .8 0
5 .0 0
0 .1 8 9
0 . 1 9 7
E
3 .8 0
4 .0 0
0 .1 5 0
0 . 1 5 7
H
5 .8 0
6 .2 0
0 .2 2 8
0 . 2 4 4
L
0 .4 0
1 .2 7
0 .0 1 6
0 . 0 5 0
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)
Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com