Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4220 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM4220
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4220 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4220 Datasheet HTML 1Page - Anpec Electronics Coropration APM4220 Datasheet HTML 2Page - Anpec Electronics Coropration APM4220 Datasheet HTML 3Page - Anpec Electronics Coropration APM4220 Datasheet HTML 4Page - Anpec Electronics Coropration APM4220 Datasheet HTML 5Page - Anpec Electronics Coropration APM4220 Datasheet HTML 6Page - Anpec Electronics Coropration APM4220 Datasheet HTML 7Page - Anpec Electronics Coropration APM4220 Datasheet HTML 8Page - Anpec Electronics Coropration APM4220 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Aug., 2002
APM4220
www.anpec.com.tw
3
0
10
20304050
60
0.004
0.006
0.008
0.010
0.012
0.014
V
GS=10V
V
GS=4.5V
0
1
234
5
0
10
20
30
40
50
60
T
j=125
oC
T
j=25
oC
T
j=-55
oC
024
68
10
0
10
20
30
40
50
60
V
GS=2.5V
V
GS=2V
V
GS=3V
V
GS= 4,5,6,7,8,9,10V
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
Typical Characteristics
Output Characteristics
V
DS-Drain-to-Source Voltage (V)
Transfer Characteristics
V
GS-Gate-to-Source Voltage (V)
Threshold Voltage vs. Junction Temperature
T
j-Junction Temperature (°C)
I
DS=250µA
On-Resistance vs. Drain Current
I
DS-Drain Current (A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com