Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4220 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM4220
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4220 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM4220 Datasheet HTML 1Page - Anpec Electronics Coropration APM4220 Datasheet HTML 2Page - Anpec Electronics Coropration APM4220 Datasheet HTML 3Page - Anpec Electronics Coropration APM4220 Datasheet HTML 4Page - Anpec Electronics Coropration APM4220 Datasheet HTML 5Page - Anpec Electronics Coropration APM4220 Datasheet HTML 6Page - Anpec Electronics Coropration APM4220 Datasheet HTML 7Page - Anpec Electronics Coropration APM4220 Datasheet HTML 8Page - Anpec Electronics Coropration APM4220 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Aug., 2002
APM4220
www.anpec.com.tw
4
0
8
16
24
32
0
2
4
6
8
10
V
DS=10 V
I
DS=14A
02
468
10
0.000
0.005
0.010
0.015
0.020
0.025
0.030
I
D= 14A
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
Typical Characteristics (Cont.)
On-Resistaence vs. Junction Temperature
T
j-Junction Temperature (°C)
V
GS=10V
I
DS=14A
On-Resistance vs. Gate-to-Source Voltage
V
GS-Gate-to-Source Voltage (V)
Gate Charge
Q
G-Total-Gate Charge (nC)
V
DS-Drain-to-Source Voltage (V)
Capacitance
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
Frequency=1MHz
Crss
Coss
Ciss



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com