Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLASH6-C3 Datasheet(PDF) 3 Page - ams AG

Part # FLASH6-C3
Description  ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

FLASH6-C3 Datasheet(HTML) 3 Page - ams AG

  FLASH6-C3 Datasheet HTML 1Page - ams AG FLASH6-C3 Datasheet HTML 2Page - ams AG FLASH6-C3 Datasheet HTML 3Page - ams AG FLASH6-C3 Datasheet HTML 4Page - ams AG FLASH6-C3 Datasheet HTML 5Page - ams AG FLASH6-C3 Datasheet HTML 6Page - ams AG FLASH6-C3 Datasheet HTML 7Page - ams AG FLASH6-C3 Datasheet HTML 8Page - ams AG FLASH6-C3 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet : FLASH6 - C35
Revision B, 07.09.02
Page3of9
DIGITAL INPUTS AND OUTPUTS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Pos. digital Supply Voltage
VDD=VDDA
3.0
3.3
3.6
V
VSS
Neg. digital Supply Voltage
VSS=VSSA
0
0
0
V
VIL
Digital Input Level
VSS
0.3*VDD
V
VIH
0.7*VDD
VDD
V
VOL
Digital Output Level
VSS
V
VOH
VDD
V
POWER REQUIREMENTS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDDA
Pos. analog Supply Voltage
VDD=VDDA
3.0
3.3
3.6
V
VSSA
Neg. analog Supply Voltage
VSS=VSSA
0
0
0
V
IDD
1) 3)
Supply Current Digital
7.5
15
m
Α
IDDA 1) 3)
Supply Current Analog
4
8
mA
Psup 1) 3)
Supply Power Consumption Power Up
Mode
38
82,8
mW
IREF 1) 3)
Reference Current
incl. Ref.
5
10
mA
Pdiss_tot 1) 3)
Total Power Consumption
54,5
118,8
mW
Pdiss_pd 2) 3)
Total Power Consumption
Power Down Mode
30
60
mW
TIMING CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1/Tconv
Conversion Rate
0.1
80
100
MS/sec
fclk
Master CLOCK Frequency
0.1
80
100
MHz
Tdap
Aperture Delay
1.8
ns
Tconv
Total Conversion Time
1
clk cycle
Tpwhclk
CLOCK Pulse width High
5
6.5
nsec
Tpwlclk
CLOCK Pulse width Low
5
6.5
nsec
Jclk
CLOCK Jitter
1*e-3/fin
sec
Tdcs
Delay Time CLOCK to STROBE
5.5
nsec
Tsuds
Setup Time DATA to STROBE
0.8
nsec
Tdp
Delay Time Pipeline
1
nsec
Twakeupall
Wake up Time all
50
nsec
Twakeup
Wake up Time
Twkupall -
Tdap
nsec
1)
Measured during a conversion with 100MHz clock frequency.
2)
After 10
µs power down.
3)
The measurement includes 8 digital (8mA) output pads.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com