Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLASH6-C3 Datasheet(PDF) 5 Page - ams AG

Part # FLASH6-C3
Description  ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

FLASH6-C3 Datasheet(HTML) 5 Page - ams AG

  FLASH6-C3 Datasheet HTML 1Page - ams AG FLASH6-C3 Datasheet HTML 2Page - ams AG FLASH6-C3 Datasheet HTML 3Page - ams AG FLASH6-C3 Datasheet HTML 4Page - ams AG FLASH6-C3 Datasheet HTML 5Page - ams AG FLASH6-C3 Datasheet HTML 6Page - ams AG FLASH6-C3 Datasheet HTML 7Page - ams AG FLASH6-C3 Datasheet HTML 8Page - ams AG FLASH6-C3 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet : FLASH6 - C35
Revision B, 07.09.02
Page5of9
TYPICAL PERFORMANCE CHARACTERISTICS
(Tjunction=25°C, VDDA=VDD=+3.3V, fclk=100MHz, VREFP=+2.4V and VREFN=0.4V, unless otherwise specified)
Digital Code
Digital Code
DNL
INL
Input Signal Frequency [Hz]
Input Signal Frequency [Hz]
Spectrum @1MHz 1)
Spectrum @30MHz 1)
VREFP-VREFN [V]
pg
Input Signal Frequency [Hz]
ENOB vs (VREFP-VREFN) @30MHz
ENOB vs Input Signal Frequency
1)
The spectrum consists of 1024 pins



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com