Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLASH6-C3 Datasheet(PDF) 1 Page - ams AG

Part # FLASH6-C3
Description  ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

FLASH6-C3 Datasheet(HTML) 1 Page - ams AG

  FLASH6-C3 Datasheet HTML 1Page - ams AG FLASH6-C3 Datasheet HTML 2Page - ams AG FLASH6-C3 Datasheet HTML 3Page - ams AG FLASH6-C3 Datasheet HTML 4Page - ams AG FLASH6-C3 Datasheet HTML 5Page - ams AG FLASH6-C3 Datasheet HTML 6Page - ams AG FLASH6-C3 Datasheet HTML 7Page - ams AG FLASH6-C3 Datasheet HTML 8Page - ams AG FLASH6-C3 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision B, 07.09.02
Page1of9
ANALOG IP BLOCK
FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
DATA SHEET
FEATURES
!
Small Area < 0.257 mm2
!
Size x= 361
µm y= 710 µm
!
Supply Voltage 3.0-3.6 V
!
Junction Temp. Range -40 - 125°C
!
Resolution 6-Bit
!
Maximum Sampling Rate 100MS/s
!
Low Input Capacitance < 5pF
!
Output Code Binary
DESCRIPTION
The FLASH6 is a complete analog to digital converter
cell which operates from a single supply. It performs
sampling, analog-to-digital conversion, generating a
6 bit value in parallel form. The output word rate can be
up to 100MS/s. The output data format is compatible
with most
µP and digital signal processors.
Co m p a ra t o rs
E rro r C o rre c tio n /R O M /O u tp u t L a tc h
Tim in g
6B it B u s
CL K
VD D A
VS SA
VD D
VS S
VREF P
VREF N
DA T A < 0 > D A T A < 1 > D A T A < 2 > D A T A< 3 > DAT A < 4 > DA T A < 5 >
VIN
R e s is tor La dde r
PD
STR O BE
IB IA S
OV L
PROCESS
C35B3 (0.35um)


Similar Part No. - FLASH6-C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLASH-SHIELD-201118 ETC-FLASH-SHIELD-201118 Datasheet
33Kb / 1P
FLASH-SHIELD-201118
logo
AAEON Technology
FLASHDISK AAEON-FLASHDISK Datasheet
123Kb / 1P
100% IDE standard compatible, Compact Flash Specification standard
logo
Microsemi Corporation
FLASHPRO5 MICROSEMI-FLASHPRO5 Datasheet
166Kb / 2P
FlashPro5 Device Programmer Quickstart Card
July 2014
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
fujitsu semiconductor
FLASH_A FUJITSU-FLASH_A Datasheet
2Mb / 108P
16-bit Proprietary Microcontroller
More results

Similar Description - FLASH6-C3

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
6-BIT FLASH A/D CONVERTER
logo
Sony Corporation
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
6-bit 140MSPS Flash A/D Converter
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
6-bit 140MSPS Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com