Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLASH6-C3 Datasheet(PDF) 6 Page - ams AG

Part # FLASH6-C3
Description  ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

FLASH6-C3 Datasheet(HTML) 6 Page - ams AG

  FLASH6-C3 Datasheet HTML 1Page - ams AG FLASH6-C3 Datasheet HTML 2Page - ams AG FLASH6-C3 Datasheet HTML 3Page - ams AG FLASH6-C3 Datasheet HTML 4Page - ams AG FLASH6-C3 Datasheet HTML 5Page - ams AG FLASH6-C3 Datasheet HTML 6Page - ams AG FLASH6-C3 Datasheet HTML 7Page - ams AG FLASH6-C3 Datasheet HTML 8Page - ams AG FLASH6-C3 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet : FLASH6 - C35
Revision B, 07.09.02
Page6of9
SYMBOL
PD
STROBE
FLASH6
DATA<5:0>
6
OVL
CLK
VIN
VREFP
VREFN
A
D
VDDA
VDD
VSSA
VSS
IBIAS
SHIELD
PINLIST
Pin
Description
Typ
Cap
VIN
Input Voltage
AIN
5pF
VREFP
Pos. Reference
Voltage
AIN
VREFN
Neg. Reference
Voltage
AIN
IBIAS
Bias Current
AIN
PD
Power down
Signal
DIN
0.1pF
CLK
Master Clock
DIN
0.1pF
DATA<5:0>
Data Output
(DATA<5>=MSB)
DOUT
OVL
Overload
DOUT
STROBE
Data Strobe Signal
DOUT
VDDA
Pos. Analog
Supply
S
VSSA
Neg. Analog
Supply
S
SHIELD
Connect to VSSA
S
VDD
Pos. Digital
Supply
S
VSS
Neg. Digital
Supply
S
THEORY OF OPERATION
The Macro Cell FLASH6 is a 6-bit single step parallel analog to
digital converter. The architecture is based on a 380 Ohm
polysilicon resistor reference ladder and static CMOS comparators.
The thermometer code of the comparator outputs is encoded in a
fast ROM encoder into straight binary code with CMOS logic signal
levels. The last comparator output is connected unlatched to the
OVL output. The area of the converter is small. The comparators do
not need auto zeroing and therefore are fast and perform minimal
kickback on the analog signal input. The conversion range is set by
the reference inputs VREFP and VREFN. The output OVL indicates
an overload condition when Vin > (VREFP - 0.5*LSB).
POWER SUPPLIES
The converter requires a single +3.3V power supply. The supplies
for analog and digital are separated and may be connected
together. However, for maximum noise immunity it is
recommended to wire them on chip to separated pins, especially
when the block is embedded in a large digital circuit. The supplies
may then be connected together on PC-board level.
The proper use of blocking capacitors in the application is important
REFERENCE VOLTAGE
Both input pads VREFP and VREFN must havea0Ohm protection
resistor. The ESD test was performed with
±1kV (Norm: MIL 883 E
method 3015).
The proper use of blocking capacitors in the application is
important !
INPUT VOLTAGE
The input pad VIN must havea0Ohm protection resistor.The ESD
test was performed with
±1kV (Norm: MIL 883 E method 3015).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com