Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73844 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 4 Page - Microchip Technology

  MCP73844 Datasheet HTML 1Page - Microchip Technology MCP73844 Datasheet HTML 2Page - Microchip Technology MCP73844 Datasheet HTML 3Page - Microchip Technology MCP73844 Datasheet HTML 4Page - Microchip Technology MCP73844 Datasheet HTML 5Page - Microchip Technology MCP73844 Datasheet HTML 6Page - Microchip Technology MCP73844 Datasheet HTML 7Page - Microchip Technology MCP73844 Datasheet HTML 8Page - Microchip Technology MCP73844 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCP73841/2/3/4
DS21823B-page 4
 2004 Microchip Technology Inc.
Preconditioning Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current
Regulation Threshold
VPCS
510
15
mV
VDD – VSENSE,
TA = -5°C to +55°C
Precondition Threshold Voltage
VPTH
MCP73841-4.1,
MCP73843-4.1
2.70
2.80
2.90
V
VBAT Low-to-High
MCP73841-4.2,
MCP73843-4.2
2.75
2.85
2.95
V
VBAT Low-to-High
MCP73842-8.2,
MCP73844-8.2
5.40
5.60
5.80
V
VBAT Low-to-High
MCP73842-8.4,
MCP73844-8.4
5.50
5.70
5.90
V
VBAT Low-to-High
Charge Termination
Charge Termination Threshold
VTCS
47
10
mV
VDD – VSENSE,
TA = -5°C to +55°C
Automatic Recharge
Recharge Threshold Voltage
VRTH
MCP73841,
MCP73843
VREG-
300 mV
VREG-
200 mV
VREG-
100 mV
VVBAT High-to-Low
MCP73842,
MCP73844
VREG-
600 mV
VREG-
400 mV
VREG-
200 mV
VVBAT High-to-Low
External MOSFET Gate Drive
Gate Drive Current
IDRV
–
2
–
mA
Sink, CV Mode
–
-0.5
–
mA
Source, CV Mode
Gate Drive Minimum Voltage
VDRVMIN
––
1.0
V
VDD = 4.5V
Gate - Source Clamp Voltage
VGS
-7.0
–
-4.5
V
VDD = 12.0V
Thermistor Reference - MCP73841, MCP73842
Thermistor Reference Output
Voltage
VTHREF
2.475
2.55
2.625
V
TA = +25°C, VDD = VREG(Typ)+1V,
ITHREF = 0 mA
Temperature Coefficient
TCTHREF
–+50
–
ppm/°C
Thermistor Reference Source
Current
ITHREF
200
–
–
µA
Thermistor Reference Line
Regulation
|(∆VTHREF/
VTHREF)|/
∆VDD
–0.1
0.25
%/V
VDD=[VREG(Typ)+1V] to 12V
Thermistor Reference Load
Regulation
∆VTHREF/
VTHREF
–
0.01
0.10
%
ITHREF = 0 mA to 0.20 mA
Thermistor Comparator - MCP73841, MCP73842
Upper Trip Threshold
VT1
1.18
1.25
1.32
V
Upper Trip Point Hysteresis
VT1HYS
–-50
–
mV
Lower Trip Threshold
VT2
0.59
0.62
0.66
V
Lower Trip Point Hysteresis
VT2HYS
–80
–
mV
Input Bias Current
|IBIAS|
––2
µA
Status Indicator
Sink Current
ISINK
47
12
mA
Low Output Voltage
VOL
–
200
400
mV
ISINK = 1 mA
Input Leakage Current
ILK
–0.01
1
µA
ISINK = 0 mA, VSTAT1 = 12V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(Typ)+0.3V] to 12V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG(Typ) + 1V].
Parameters
Sym
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com