Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73844 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 6Page - Microchip Technology MCP73844 Datasheet HTML 7Page - Microchip Technology MCP73844 Datasheet HTML 8Page - Microchip Technology MCP73844 Datasheet HTML 9Page - Microchip Technology MCP73844 Datasheet HTML 10Page - Microchip Technology MCP73844 Datasheet HTML 11Page - Microchip Technology MCP73844 Datasheet HTML 12Page - Microchip Technology MCP73844 Datasheet HTML 13Page - Microchip Technology MCP73844 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP73841/2/3/4
DS21823B-page 10
 2004 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN DESCRIPTION TABLE
3.1
Charge Current Sense Input
(SENSE)
Charge current is sensed via the voltage developed
across an external precision sense resistor. The sense
resistor must be placed between the supply voltage
(VDD) and the external pass transistor (Q1). A 220 mΩ
sense resistor produces a fast charge current of
500 mA, typically.
3.2
Battery Management Input Supply
(VDD)
A supply voltage of [VREG(Typ) + 0.3V] to 12V is
recommended. Bypass to VSS with a minimum of
4.7 µF.
3.3
Charge Status Output (STAT1)
Current limited, open-drain drive for direct connection
to a LED for charge status indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller.
3.4
Logic Enable (EN)
Input to force charge termination, initiate charge, clear
faults or disable automatic recharge.
3.5
Cell Temperature Sensor Bias
(THREF)
Voltage reference to bias external thermistor for
continuous
cell
temperature
monitoring
and
prequalification.
3.6
Cell Temperature Sensor Input
(THERM)
Input for an external thermistor for continuous cell-
temperature monitoring and pre-qualification. Apply a
voltage equal to 0.85V to disable temperature-sensing.
3.7
Timer Set (TIMER)
All safety timers are scaled by CTIMER/0.1 µF.
3.8
Battery Management 0V Reference
(VSS)
Connect to negative terminal of battery.
3.9
Battery Voltage Sense (VBAT)
Voltage sense input. Connect to positive terminal of
battery. Bypass to VSS with a minimum of 4.7 µF to
ensure loop stability when the battery is disconnected.
A precision internal resistor divider regulates the final
voltage on this pin to VREG.
3.10
Drive Output (DRV)
Direct output drive of an external P-channel MOSFET
for current and voltage regulation.
MCP73841,
MCP73842
Pin No.
MCP73843,
MCP73844
Pin No.
Name
Function
1
1
SENSE
Charge Current Sense Input
22
VDD
Battery Management Input Supply
3
3
STAT1
Charge Status Output
4
4
EN
Logic Enable
5
—
THREF
Cell Temperature Sensor Bias
6
—
THERM
Cell Temperature Sensor Input
75
TIMER
Timer Set
86
VSS
Battery Management 0V Reference
97
VBAT
Battery Voltage Sense
10
8
DRV
Drive Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com